Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM199 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM199
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM199 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM199 Datasheet HTML 1Page - National Semiconductor (TI) LM199 Datasheet HTML 2Page - National Semiconductor (TI) LM199 Datasheet HTML 3Page - National Semiconductor (TI) LM199 Datasheet HTML 4Page - National Semiconductor (TI) LM199 Datasheet HTML 5Page - National Semiconductor (TI) LM199 Datasheet HTML 6Page - National Semiconductor (TI) LM199 Datasheet HTML 7Page - National Semiconductor (TI) LM199 Datasheet HTML 8Page - National Semiconductor (TI) LM199 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
Specifications for Military/Aerospace products are not
contained in this datasheet. Refer to the following Reli-
ability
Electrical
Test
Specifications
documents:
RETS199X for LM199, RETS199AX for LM199A.
Temperature Stabilizer Voltage
LM199/LM299/LM399
40V
LM3999
36V
Reverse Breakdown Current
20 mA
Forward Current
LM199/LM299/LM399
1 mA
LM3999
−0.1 mA
Reference to Substrate Voltage V
(RS) (Note 2)
40V
−0.1V
Operating Temperature Range
LM199
−55˚C to +125˚C
LM299
−25˚C to +85˚C
LM399/LM3999
−0˚C to +70˚C
Storage Temperature Range
−55˚C to +150˚C
Soldering Information
TO-92 package (10 sec.)
+260˚C
TO-46 package (10 sec.)
+300˚C
Electrical Characteristics (Notes 3, 6)
Parameter
Conditions
LM199H/LM299H
LM399H
Units
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage
0.5 mA
≤ I
R ≤ 10 mA
6.8
6.95
7.1
6.6
6.95
7.3
V
Reverse Breakdown Voltage
0.5 mA
≤ I
R ≤ 10 mA
6
9
6
12
mV
Change with Current
Reverse Dynamic Impedance
I
R = 1 mA
0.5
1
0.5
1.5
Reverse Breakdown
−55˚C
≤T
A≤+85˚C
LM199
0.00003
0.0001
%/˚C
Temperature Coefficient
+85˚C
≤T
A≤+125˚C
0.0005
0.0015
%/˚C
−25˚C
≤T
A≤85˚C
LM299
0.00003
0.0001
%/˚C
0˚C
≤T
A≤+70˚C
LM399
0.00003
0.0002
%/˚C
RMS Noise
10 Hz
≤ f ≤ 10 kHz
7
20
7
50
µV
Long Term Stability
Stabilized, 22˚C
≤T
A≤28˚C,
20
20
ppm
1000 Hours, I
R=1mA±0.1%
Temperature Stabilizer
T
A=25˚C, Still Air, VS=30V
8.5
14
8.5
15
mA
Supply Current
T
A =− 55˚C
22
28
Temperature Stabilizer
9
40
9
40
V
Supply Voltage
Warm-Up Time to 0.05%
V
S = 30V, TA = 25˚C
3
3
sec.
Initial Turn-on Current
9
≤V
S≤40, TA=+25˚C, (Note 4)
140
200
140
200
mA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Electrical Characteristics (Note 3)
Parameter
Conditions
LM3999Z
Units
Min
Typ
Max
Reverse Breakdown Voltage
0.6 mA
≤ I
R ≤ 10 mA
6.6
6.95
7.3
V
Reverse Breakdown Voltage
0.6 mA
≤ I
R ≤ 10 mA
6
20
mV
Change with Current
Reverse Dynamic Impedance
I
R = 1 mA
0.6
2.2
Reverse Breakdown
0˚C
≤ T
A ≤ 70˚C
0.0002
0.0005
%/˚C
Temperature Coefficient
RMS Noise
10 Hz
≤ f ≤ 10 kHz
7
µV
Long Term Stability
Stabilized, 22˚C
≤ T
A ≤ 28˚C,
20
ppm
1000 Hours, I
R = 1mA ±0.1%
Temperature Stabilizer
T
A = 25˚C, Still Air, VS = 30V
12
18
mA
Temperature Stabilizer
36
V
Supply Voltage
Warm-Up Time to 0.05%
V
S = 30V, TA = 25˚C
5
sec.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com