Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS661 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS661
Description  Precision Audio Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS661 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS661 Datasheet HTML 1Page - Integrated Circuit Systems ICS661 Datasheet HTML 2Page - Integrated Circuit Systems ICS661 Datasheet HTML 3Page - Integrated Circuit Systems ICS661 Datasheet HTML 4Page - Integrated Circuit Systems ICS661 Datasheet HTML 5Page - Integrated Circuit Systems ICS661 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS661
MDS 661 D
1
Revision 111804
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Precision Audio Clock Source
Description
The ICS661 provides synchronous clock generation for
audio sampling clock rates derived from an MPEG
stream, or can be used as a standalone clock source
with a 27 MHz crystal. The device uses the latest PLL
technology to provide excellent phase noise and long
term jitter performance for superior synchronization
and S/N ratio.
Please contact ICS if you have a requirement for an
input and output frequency not included here - we can
rapidly modify this product to meet special
requirements.
Features
Packaged in 16-pin TSSOP
Available in Pb (lead) fere package
Clock or crystal input
Low phase noise
Low jitter
Exact (0 ppm) multiplication ratios
Reference clock output available
Support for 256, 384, 512, and 768 times sampling
rate
Block Diagram
PLL Clock
Synthesis
SELIN
Crystal
Oscillator
X2
X1/REFIN
VDD (P2)
VDDR
REF
CLK
GND (P13)
GND (P6)
GND (P5)
S3:0
4
VDD (P3)
VDDO


Similar Part No. - ICS661

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS661 IDT-ICS661 Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS661 ETC2-ICS661 Datasheet
191Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Integrated Device Techn...
ICS661GI IDT-ICS661GI Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
ICS661GILF IDT-ICS661GILF Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
ICS661GILFT IDT-ICS661GILFT Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
More results

Similar Description - ICS661

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
ICS661 IDT-ICS661 Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS661 ETC2-ICS661 Datasheet
191Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
3.3V Precision Audio Clock Synthesizer
11/12/08
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com