Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # HER201
Description  2.0AMPS.HIGH EFFICIENCY PLASTIC RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

HER201 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  HER201_16 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 167 -
HER201 THRU HER208
2.0AMPS.HIGH EFFICIENCY PLASTIC RECTIFIERS
FEATURE
.
Low leakage
.
Low forward voltage drop
.
High current capability
.
High surge capability
.
High reliability
.
High temperature soldering guaranteed
260°C /10sec / 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-15
1.0(25.4)
M IN.
.300(7.6)
.230(5.8)
1.0(25.4)
M IN.
.140(3.6)
.104(2.6)
DIA.
+
-
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
60
A
Maximum Instantaneous forward Voltage at
2.0A DC
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
CJ
50
30
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - HER201_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_1 Datasheet
269Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER201 TSC-HER201_10 Datasheet
551Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
Micro Commercial Compon...
HER201 MCC-HER201_11 Datasheet
245Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER201 YANGJIE-HER201_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
More results

Similar Description - HER201_16

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
EG1 DACHANG-EG1_15 Datasheet
119Kb / 2P
Plastic High-Efficiency Rectifiers
EG1A DACHANG-EG1A_15 Datasheet
118Kb / 2P
Plastic High-Efficiency Rectifiers
HER101 DACHANG-HER101_15 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers
HER201G DACHANG-HER201G_15 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers
HER251 DACHANG-HER251_15 Datasheet
119Kb / 2P
Plastic High-Efficiency Rectifiers
HER251G DACHANG-HER251G_15 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers
HER501 DACHANG-HER501_15 Datasheet
139Kb / 2P
Plastic High-Efficiency Rectifiers
HER601 DACHANG-HER601_15 Datasheet
139Kb / 2P
Plastic High-Efficiency Rectifiers
HER101G DACHANG-HER101G_15 Datasheet
160Kb / 2P
Plastic High-Efficiency Rectifiers
logo
Shanghai Leiditech Elec...
UF4001 LEIDITECH-UF4001 Datasheet
672Kb / 2P
Plastic High-Efficiency Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com