Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WATCH Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # WATCH
Description  Quartz Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

WATCH Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  WATCH Datasheet HTML 1Page - IQD Frequency Products Ltd WATCH Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WATCH
Quartz Crystal Specification
ISSUE 13; April 2016
Outline (mm) -2X6 = -2X6
Outline (mm) -3X8 = -3X8
Description
Through-hole cylinder crystal in a press-sealed metal can,
suitable for real time clock applications
Available in two sizes, 3x8mm and 2x6mm
Please see our CFPX-56 for a SMD alternative
-2X6 -2X6
Leaded crystal in a press sealed metal can 2 x 6mm
-3X8 -3X8
Leaded crystal in a press sealed metal can 3 x 8mm
Frequency Parameters
Frequency
32.768kHz
±10.00ppm to ±20.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±5ppm max per year @ 25°C
Ageing
Electrical Parameters
6.0pF to 12.5pF
Load Capacitance (CL)
2.5pF typ
Shunt Capacitance (C0)
1.0µW max
Drive Level
Operating Temperature Ranges
-20 to 70°C
Environmental Parameters
Drop: 75cm drop (3 times) onto hard wooden board
Operable Temperature Range: -40 to 85°C
Storage Temperature Range: -40 to 85°C
Ordering Information
Frequency*
Model*
Variant*
Frequency Tolerance (@ 25°C)*
Load Capacitance*
(*minimum required)
Example
32.768kHz WATCH-3x8
20/-/-/12.5
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 1,000
Printed on 25 Apr 16 12:34 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - WATCH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WATCHDOG TRIPPLITE-WATCHDOG Datasheet
524Kb / 2P
WatchDog Service Monitoring - Reboot Software
WATCHDOGSW TRIPPLITE-WATCHDOGSW Datasheet
524Kb / 2P
WatchDog Service Monitoring - Reboot Software
More results

Similar Description - WATCH

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
4SMX IQD-4SMX Datasheet
250Kb / 2P
Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
Quartz Crystal Specification
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com