Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM20
Description  LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM20 Datasheet HTML 1Page - National Semiconductor (TI) LM20 Datasheet HTML 2Page - National Semiconductor (TI) LM20 Datasheet HTML 3Page - National Semiconductor (TI) LM20 Datasheet HTML 4Page - National Semiconductor (TI) LM20 Datasheet HTML 5Page - National Semiconductor (TI) LM20 Datasheet HTML 6Page - National Semiconductor (TI) LM20 Datasheet HTML 7Page - National Semiconductor (TI) LM20 Datasheet HTML 8Page - National Semiconductor (TI) LM20 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Typical Application (Continued)
Temperature (T)
Typical V
O
+130˚C
+303 mV
+100˚C
+675 mV
+80˚C
+919 mV
+30˚C
+1515 mV
Temperature (T)
Typical V
O
+25˚C
+1574 mV
0˚C
+1863.9 mV
−30˚C
+2205 mV
−40˚C
+2318 mV
−55˚C
+2485 mV
Connection Diagrams
Ordering Information
Order
Temperature
Temperature
NS Package
Device
Number
Accuracy
Range
Number
Marking
Transport Media
LM20BIM7
±2.5˚C
−55˚C to +130˚C
MAA05A
T2B
1000 Units on Tape and Reel
LM20BIM7X
±2.5˚C
−55˚C to +130˚C
MAA05A
T2B
3000 Units on Tape and Reel
LM20CIM7
±5˚C
−55˚C to +130˚C
MAA05A
T2C
1000 Units on Tape and Reel
LM20CIM7X
±5˚C
−55˚C to +130˚C
MAA05A
T2C
3000 Units on Tape and Reel
LM20SIBP
±3.5˚C
−40˚C to +125˚C
BPA04DDC
Date
Code
250 Units on Tape and Reel
LM20SIBPX
±3.5˚C
−40˚C to +125˚C
BPA04DDC
Date
Code
3000 Units on Tape and Reel
SC70-5
DS100908-1
Note:
-
GND (pin 2) may be grounded or left floating. For optimum thermal
conductivity to the pc board ground plane pin 2 should be grounded.
-
NC (pin 1) should be left floating or grounded. Other signal traces
should not be connected to this pin.
Top View
See NS Package Number MAA05A
micro SMD
DS100908-32
Note:
-
Pin numbers are referenced to the package marking text orientation.
-
Reference JEDEC Registration MO-211, variation BA
-
The actual physical placement of package marking will vary slightly
from part to part. The package marking will designate the date code and
will vary considerably. Package marking does not correlate to device type
in any way.
Top View
See NS Package Number BPA04DDC
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com