Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1104 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1104
Description  Advanced Universal Serial Bus transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1104 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1104 Datasheet HTML 9Page - NXP Semiconductors ISP1104 Datasheet HTML 10Page - NXP Semiconductors ISP1104 Datasheet HTML 11Page - NXP Semiconductors ISP1104 Datasheet HTML 12Page - NXP Semiconductors ISP1104 Datasheet HTML 13Page - NXP Semiconductors ISP1104 Datasheet HTML 14Page - NXP Semiconductors ISP1104 Datasheet HTML 15Page - NXP Semiconductors ISP1104 Datasheet HTML 16Page - NXP Semiconductors ISP1104 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Philips Semiconductors
ISP1104
Advanced USB transceiver
Product data
Rev. 02 — 14 October 2003
13 of 19
9397 750 11229
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
13. Test information
Load capacitance CL = 50 pF (minimum or maximum timing).
Fig 8.
Load on pins D
+ and D−.
V = 0 V for tPZH and tPHZ.
V=Vreg(3.3) for tPZL and tPLZ.
Fig 9.
Load on pins D
+ and D− for enable and disable times.
Fig 10. Load on pins VM, VP and RCV.
004aaa037
CL
test point
15 k
Ω
D
+/D−
Vpu(3.3)
1.5 k
Ω
33
Ω
D.U.T.
test point
V
33
Ω
D.U.T.
500
Ω
50 pF
MBL142
MGS968
25 pF
test point
D.U.T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com