Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2202 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2202
Description  230 MHz Video Amplifier System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2202 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2202 Datasheet HTML 1Page - National Semiconductor (TI) LM2202 Datasheet HTML 2Page - National Semiconductor (TI) LM2202 Datasheet HTML 3Page - National Semiconductor (TI) LM2202 Datasheet HTML 4Page - National Semiconductor (TI) LM2202 Datasheet HTML 5Page - National Semiconductor (TI) LM2202 Datasheet HTML 6Page - National Semiconductor (TI) LM2202 Datasheet HTML 7Page - National Semiconductor (TI) LM2202 Datasheet HTML 8Page - National Semiconductor (TI) LM2202 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2202
230 MHz Video Amplifier System
General Description
The LM2202 is a very high frequency video amplifier system
intended for use in high resolution monochrome or RGB
color monitor applications. In addition to the wideband video
amplifier the LM2202 contains a gated differential input black
level clamp comparator for brightness control, a DC con-
trolled attenuator for contrast control and a DC controlled
sub contrast attenuator for drive control. The DC control for
the contrast attenuator is pinned out separately to provide a
more accurate control system for RGB color monitor applica-
tions. All DC controls offer a high input impedance and oper-
ate over a 0V to 4V range for easy interface to bus controlled
alignment systems. The LM2202 operates from a nominal
12V supply but can be operated with supply voltages down
to 8V for applications that require reduced IC package power
dissipation characteristics.
Features
n Wideband video amplifier
(f
−3dB = 230 MHz at VO = 4VPP)
n tr,tf = 1.5 ns at VO = 4VPP
n Externally gated comparator for brightness control
n 0V to 4V high input impedance DC contrast control
(>40 dB range)
n 0V to 4V high input impedance DC drive control
(±3 dB range)
n Easy to parallel three LM2202s for optimum color
tracking in RGB systems
n Output stage clamps to 0.65V and provides up to 9V
output voltage swing
n Output stage directly drives most hybrid or discrete CRT
amplifier stages
n Replacement for the LM1202
Applications
n High resolution CRT monitors
n Video switches
n Video AGC amplifier
n Wideband amplifier with gain and DC offset control
Block and Connection Diagram
DS012591-1
Order Number LM2202N or LM2202M
See NS Package Number N20A or M20B
April 1999
© 1999 National Semiconductor Corporation
DS012591
www.national.com


Similar Part No. - LM2202

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM220Z SEOUL-LM220Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LM2202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
Video Amplifier System
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
150 MHz RGB Video Amplifier System
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
110 MHz RGB Video Amplifier System with OSD
LM1202 NSC-LM1202 Datasheet
290Kb / 18P
LM1202 230 MHz Video Amplifier System
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
230 MHz Video Amplifier System with OSD Blanking
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
LM1203A 150 MHz RGB Video Amplifier System
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com