Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDP Datasheet(PDF) 2 Page - C&K Components

Part # HDP
Description  Micro Mini Side Actuated Surface Mount Detect Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

HDP Datasheet(HTML) 2 Page - C&K Components

  HDP Datasheet HTML 1Page - C&K Components HDP Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
E–15
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
HDP Series
Micro Mini Side Actuated Surface Mount Detect Switches
A
A
13
0.4±0.05
12±0.1
1.75±0.1
1.5 +0.1
0
2±0.1
2.75+0.2
0
1.75+0.2
0
7.5
4±0.1
16
380
TAPE
FEED DIRECTION
REEL
A-A
SECTION
2X 1.1
HOLE
7.3
1.6
1.2
4.3
1.5
2X 1.8
3.5
2.5
2X 1.7
5°
1.3
2.96
0.26
0.55
3.2
FREE POS
3.5
2X 0.8
5.7
1.2
7.45
2X 1
0.5
0.03
2.5
1.55
1.1
0.5
0.6
1.9
2X 0.6
3.85
3.15
2.6
OR LESS
2.9
R0.5
1.05
TOTAL TRAVEL POSITION
ON STARTING POSITION
PCB RECOMMENDED
A
B
C
D
SCALE 6:1
RECOMMENDED STROKE
A
B
C
D
TAPE & REEL
HDP001L
Grey body/
actuator
SCHEMATIC
PACKAGING
PART NUMBER
N.O.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com