Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3302-03 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3302-03
Description  11V to 36VIN, 5 Vout, 15A, Cool-Power ZVS Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3302-03 Datasheet(HTML) 2 Page - Vicor Corporation

  PI3302-03 Datasheet HTML 1Page - Vicor Corporation PI3302-03 Datasheet HTML 2Page - Vicor Corporation PI3302-03 Datasheet HTML 3Page - Vicor Corporation PI3302-03 Datasheet HTML 4Page - Vicor Corporation PI3302-03 Datasheet HTML 5Page - Vicor Corporation PI3302-03 Datasheet HTML 6Page - Vicor Corporation PI3302-03 Datasheet HTML 7Page - Vicor Corporation PI3302-03 Datasheet HTML 8Page - Vicor Corporation PI3302-03 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Cool-Power®
Rev 1.1
vicorpower.com
Page 2 of 17
05/2016
800 927.9474
PI3302-03
Contents
Contents
Page
Order Information
3
Absolute Maximum Ratings
3
Block Diagram
3
Pin Description
4
Package Pin-Out
4
Electrical Characteristics
5
PI3302-03 (5.0VOUT) Electrical Characteristics
7
PI3302-x0 (5.0VOUT) Electrical Characteristics
8
Functional Description
9
Enable
9
Remote Sensing
9
Switching Frequency Synchronization
9
Soft-Start
9
Output Voltage Trim
9
Output Current Limit Protection
9
Input Undervoltage Lockout
9
Input Overvoltage Lockout
9
Output Overvoltage Protection
9
Overtemperature Protection
10
Pulse Skip Mode (PSM)
10
Variable Frequency Operation
10
Parallel Operation
10
Contents
Page
Application Description
10
Output Voltage Trim
10
Soft-Start Adjust and Tracking
11
Inductor Pairing
11
Thermal Derating
12
I2C Operation
12
Filter Considerations
12
Layout Guidelines
13
Recommended PCB Footprint and Stencil
14
Package Drawings
15
Revision History
16
Warranty
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com