Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575HV Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575HV
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575HV Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2575HV Datasheet HTML 7Page - National Semiconductor (TI) LM2575HV Datasheet HTML 8Page - National Semiconductor (TI) LM2575HV Datasheet HTML 9Page - National Semiconductor (TI) LM2575HV Datasheet HTML 10Page - National Semiconductor (TI) LM2575HV Datasheet HTML 11Page - National Semiconductor (TI) LM2575HV Datasheet HTML 12Page - National Semiconductor (TI) LM2575HV Datasheet HTML 13Page - National Semiconductor (TI) LM2575HV Datasheet HTML 14Page - National Semiconductor (TI) LM2575HV Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Typical Performance Characteristics (Circuit of Figure 2) (Continued)
Feedback Pin Current
Maximum Power Dissipation
(TO-263) (See (Note 12))
01147505
01147528
Switching Waveforms
Load Transient Response
01147506
VOUT =5V
A: Output Pin Voltage, 10V/div
B: Output Pin Current, 1A/div
C: Inductor Current, 0.5A/div
D: Output Ripple Voltage, 20 mV/div,
AC-Coupled
Horizontal Time Base: 5 µs/div
01147507
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rap-
idly switching currents associated with wiring inductance
generate voltage transients which can cause problems. For
minimal inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
Single-point grounding (as indicated) or ground plane con-
struction should be used for best results. When using the
Adjustable version, physically locate the programming resis-
tors near the regulator, to keep the sensitive feedback wiring
short.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com