Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSM40 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # AIO-CSM40
Description  Complete line of Metal and Nylon Industrial cable glands available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AIO-CSM40 Datasheet(HTML) 2 Page - Amphenol Corporation

  AIO-CSM40 Datasheet HTML 1Page - Amphenol Corporation AIO-CSM40 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
15
18
22
22
24
27
30
30
32
40
40
50
60
67
75
90
100
24
30
50
50
65
80
100
24
30
40
50
50
65
82
65
22
24
30
50
60
AIO-CSJPG48
PG48
44
37 – 44
12
44
AIO-CSJPG42
PG42
38
32 – 38
11
42
AIO-CSJPG36
PG36
32
22 – 32
10
38
AIO-CSJPG21
PG21
18
13 – 18
826
AIO-CSJPG16
PG16
14
10 – 14
825
AIO-CSJPG13.5
PG13.5
12
6 – 12
824
14
18
22
AIO-CSJPG11
PG11
10
5 – 10
720
AIO-CSJPG9PG9
84 – 87
21
AIO-CSJPG7PG7
6.53 – 6.56
18
AIO-CSJGIN5/2G2 1/2”
52
46 – 52
16
47
AIO-CSJGIN2G2”
44
37 – 44
12
44
AIO-CSJGIN3/2G1”1/2”
32
22 – 32
10
39
AIO-CSJGIN5/4G1”1/4”
32
22 – 32
10
39
AIO-CSJGIN1G1”
25
18 – 25
10
34
AIO-CSJGIN3/4G3/4”
18
13 – 18
827
AIO-CSJGIN1/2G1/2”
12
6 – 12
824
AIO-CSJIN3
NPT3”70
62 – 70
26
58
AIO-CSJIN5/2
NPT2 1/2”
52
46 – 52
23.758
AIO-CSJIN2
NPT2”44
37 – 44
17.746
AIO-CSJIN3/2
NPT1”1/2”32
22 – 32
17.346
AIO-CSJIN5/4
NPT1”1/4”32
22 – 32
17.341
AIO-CSJIN3/4
NPT3/4”18
13 – 18
14.126
AIO-CSJIN1/2
NPT1/2”126 – 12
13.625
AIO-CSJM90
M90 2.070
62 – 70
20
57
AIO-CSJM80
M80 2.060
52 – 60
20
57
AIO-CSJM72
M72 2.052
46 – 52
16
47
AIO-CSJM63
M63 1.544
37 – 44
12
43
AIO-CSJM50
M50 1.538
32 – 38
11
39
AIO-CSJM40
M40 1.532
22 – 32
10
39
AIO-CSJM36
M36 2.025
18 – 25
10
34
AIO-CSJM32
M32 1.525
18 – 25
10
27
AIO-CSJM30
M30 2.018
13 – 18
826
AIO-CSJM27
M27 2.018
13 – 18
826
AIO-CSJM25
M25x1.518
13 – 18
7.823
AIO-CSJM24
M24 1.514
10 – 14
824
AIO-CSJM22
M22 1.514
10 – 14
824
AIO-CSJM20
M20x1.5126 – 12
8.320
AIO-CSJM18
M18x1.5105 – 10
720
AIO-CSJM16
M16x1.59
6 – 96.3
20
AIO-CSJM14
M14x1.58
4 – 85
19
Spanner "S"
(mm)
AIO-CSJM12
M12x1.56.5
3 – 6.56.2
15
AIGO Part
Thread “A” Max ”d”
(mm)
Cable Range
(mm)
Thread “L”
(mm)
Clamp ”H”
(mm)
15
19
22
24
27
27
33
33
42
42
54
60
80
24
33
54
24
33
42
54
54
80
15
19
22
24
27
33
42
54
60
AIO-CSPG42
PG42
38
32 – 38
14
52
AIO-CSPG36
PG36
32
22 – 32
13
48
AIO-CSPG29
PG29
25
18 – 25
11
38
AIO-CSPG21
PG21
18
13 – 18
11
33
AIO-CSPG16
PG16
14
10 – 14
10
28
AIO-CSPG13.5
PG13.5126 – 12
926
AIO-CSPG11
PG11
10
5 – 10
824
AIO-CSPG9
PG9
84 – 8
822
AIO-CSPG7
PG7
6.53 – 6.5
820
AIO-CSGIN5/2
G2”1/2”
57
51 – 57
14
75
AIO-CSGIN3/2
G1”1/2”
32
22 – 32
13
48
AIO-CSGIN5/4
G1”1/4”
28
21 – 28
13
48
AIO-CSGIN1
G1”
25
18 – 25
11
33
AIO-CSGIN3/4
G3/4”
18
13 – 18
11
27
AIO-CSGIN1/2
G1/2”
12
6 – 12
926
AIO-CSIN3/2
NPT1”1/2”
32
22 – 32
17.3
50
AIO-CSIN3/4
NPT3/4”
18
13 – 18
14.1
32
AIO-CSIN1/2
NPT1/2”
12
6 – 12
13.6
28
AIO-CSM72
M72 2.0
57
51 – 57
16
75
AIO-CSM50
M50 1.5
38
32 – 38
14
50
AIO-CSM40
M40 1.5
32
22 – 32
13
48
AIO-CSM33
M33 2.0
25
18 – 25
11
39
AIO-CSM32
M32 1.5
25
18 – 25
11
38
AIO-CSM30
M30 2.0
18
13 – 18
11
33
AIO-CSM25
M25x1.5
18
13 – 18
10
30
AIO-CSM24
M24 1.5
14
10 – 14
10
30
AIO-CSM22
M22 1.5
14
10 – 14
10
30
AIO-CSM20
M20 1.5
12
6 – 12
930
AIO-CSM18
M18 1.5
10
5 – 10
925
AIO-CSM16
M16x1.5
84 – 8
822
Spanner "S"
(mm)
AIO-CSM12
M12x1.5
83 – 6.5
820
AIGO Part
Thread “A”
Max ”d”
(mm)
Cable Range
(mm)
Thread “L”
(mm)
Clamp ”H”
(mm)
Nylon Cable Glands
Material:
Nylon66(ULApproved94V-2)
SealRing:
UL94V-2(ULApproved94V-2)
ThreadType:
Metric,PG,NPT
TempRange:
Static:-40°C~+100°C
Dynamic:-20°C~+80°C
ShortTerm:+120°C
CurrentColors: Gray,Black
Metal Cable Glands
Material:BrasswithNickel;BrasswithTin/Nickel
Clamping:ULapprovedPA6,94V-0
SealRing:UL94V-2(ULapprovedNBR,94V-2;ULapproved
DOWCORNINGRUBBER,94V-0
ThreadType:Metric,PG,NPT
Protective:IP68(tightenwitho-ring)
TempRange:-40°C~+100°C
TorqueValue(N-M)ofhexandcapnuts:3.0-4.5N-M,M12,M16,
M20areULrecognizedunderfile#E339605
For additional information on other products
available refer to our Cord Grips & Cable Glands,
Catalog 12-055.
Nylon Cable Glands
Metal Cable Glands
Forfurtherinformationonyourindividualapplicationrequirements,contact:AmphenolCorporationaogt@amphenol-aio.com
NorthAmerica:
Amphenol Industrial Operations
180N.FreeportDrive,Plant4
Nogales,AZ85621
Tel:(888)364-9011
Fax:(520)285-5134
Email:tech@amphenol-aio.com
Europe:
Amphenol Industrial Operations Europe
ViaBarbaiana5
1-20020Lainate(MI)Italy
Tel:+390293254.204
Fax:+390293254.444
Email:info@amphenol-aio.com
MiddleEast:
Amphenol Middle East Enterprises FZE
OfficeC-37POBox21107
AjmanFreeZone,UAE
Tel:+9716-7422494
Fax:+9716-7422941
Email:jhussain@amphenol-industrial.com
Asia:
AmphenolTechnology(Zhuhai)Co.,Ltd.
No.63XinHanRoad,SanZaoTown
JinWanDistrict,ZhuhaiCity,China519040
Tel:+86756-3989760
Fax:+86756-3989768
Email:enquiry@amphenol-aio.com
Notice:Specificationsaresubjecttochangewithoutnotice.ContactyournearestAmphenolCorporationSalesOfficeforthelatestspecifications.Allstatements,informationanddatagivenhereinarebelievedtobeaccurateandreliablebut
are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent
infringementandarenotrecommendationstoinfringeanypatent.Theusershouldassumethatallsafetymeasuresareindicatedorthatothermeasuresmaynotberequired.Specificationsaretypicalandmaynotapplytoallconnectors.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com