Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32701 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT32701
Description  16-BIT D-TYPE LATCH PULS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT32701 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT32701 Datasheet HTML 1Page - STMicroelectronics 74ACT32701 Datasheet HTML 2Page - STMicroelectronics 74ACT32701 Datasheet HTML 3Page - STMicroelectronics 74ACT32701 Datasheet HTML 4Page - STMicroelectronics 74ACT32701 Datasheet HTML 5Page - STMicroelectronics 74ACT32701 Datasheet HTML 6Page - STMicroelectronics 74ACT32701 Datasheet HTML 7Page - STMicroelectronics 74ACT32701 Datasheet HTML 8Page - STMicroelectronics 74ACT32701 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2003
s
HIGH SPEED: tPD = 4.8ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN.), VIL = 0.8V (MAX.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
FUNCTION COMPATIBLE WITH SERIES
16373 AND 16245 (244)
s
IMPROVED LATCH-UP IMMUNITY
s
IMPROVED ESD IMMUNITY
DESCRIPTION
The 74ACT16244 is a low voltage CMOS 16-BIT
D-TYPE LATCH and 16 BIT BUS TRANSCEIVER
with 3-STATE output non inverting fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
Both functions can be used as 16 bit or dual octal
devices, so the 16 bit transceiver can be used ad 8
bit bus buffer plus 8 bit transceiver, or only 16 bit
buffer in select direction.
This device can be used to integrate in one chip
the internal logic component required to STV0701
to work ad P.O.D. interface in
Digital TV
application. It is ideal for low power and high
speed 4.5 to 5.5. applications.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74ACT32701
16-BIT D-TYPE LATCH PULS 16-BIT BUS BUFFER
WITH 3-STATE OUTPUTS (NON INVERTED)
This is preliminary information on a new product now in development are or undergoing evaluation. Details subject to change without notice.
ORDER CODES
PACKAGE
TRAY
T & R
LFBGA96
74ACT32701LB
74ACT32701LBR
LFBGA96
(Top and Bottom view)
PRELIMINARY DATA
LOGIC DIAGRAM


Similar Part No. - 74ACT32701

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT32 ONSEMI-74ACT32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
67Kb / 7P
QUAD 2-INPUT OR GATE
Apr-1997
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
181Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
Quad 2-Input OR Gate
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
Quad 2-Input OR Gate
More results

Similar Description - 74ACT32701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
2003-Feb
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Feb-2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com