Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2202M Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2202M
Description  230 MHz Video Amplifier System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2202M Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2202M Datasheet HTML 1Page - National Semiconductor (TI) LM2202M Datasheet HTML 2Page - National Semiconductor (TI) LM2202M Datasheet HTML 3Page - National Semiconductor (TI) LM2202M Datasheet HTML 4Page - National Semiconductor (TI) LM2202M Datasheet HTML 5Page - National Semiconductor (TI) LM2202M Datasheet HTML 6Page - National Semiconductor (TI) LM2202M Datasheet HTML 7Page - National Semiconductor (TI) LM2202M Datasheet HTML 8Page - National Semiconductor (TI) LM2202M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Typical Performance Characteristics (V
CC = 12V, TA = 25˚C unless otherwise specified)
Circuit Description
Figure 2 shows a block diagram of the LM2202 video ampli-
fier along with contrast and brightness (black level) control.
Contrast control is a DC-operated attenuator which varies
the AC gain of the amplifier. Signal attenuation (contrast) is
achieved by varying the base drive to a differential pair and
thereby unbalancing the current through the differential pair.
As shown in
Figure 2, pin 20 provides a 5.3V bias voltage for
the positive input of the attenuator (pin 1). Pin 3 provides a
control voltage for the negative input (pin 2) of the attenuator.
The voltage at pin 3 varies as the voltage at the contrast con-
trol input (pin 8) varies thus providing signal attenuation. The
gain is maximum (0 dB attenuation) if the voltage at pin 8 is
4V and is minimum (maximum attenuation) if the voltage at
pin 8 is 0V. The 0V to 4V DC-operated drive control at pin 9
Quiescent Supply Current
vs Supply Voltage
DS012591-3
Attenuation vs Drive Voltage
DS012591-4
Contrast vs Frequency
DS012591-5
Drive vs Frequency
DS012591-6
Attenuation vs
Contrast Voltage
DS012591-7
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com