Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH0004 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0004
Description  LH0004 High Voltage Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0004 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LH0004 Datasheet HTML 1Page - National Semiconductor (TI) LH0004 Datasheet HTML 2Page - National Semiconductor (TI) LH0004 Datasheet HTML 3Page - National Semiconductor (TI) LH0004 Datasheet HTML 4Page - National Semiconductor (TI) LH0004 Datasheet HTML 5Page - National Semiconductor (TI) LH0004 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH5559
February 1995
LH0004 High Voltage Operational Amplifier
General Description
The LH0004 is a general purpose operational amplifier de-
signed to operate from supply voltages up to g40V The
device dissipates extremely low quiescent power typically 8
mW at 25 C and VS e g40V
The LH0004’s high gain and wide range of operating volt-
ages make it ideal for applications requiring large output
swing and low power dissipation
The LH0004 is specified for operation over the b55 Cto
a
125 C military temperature range The LH0004C is speci-
fied for operation over the 0 Cto a85 C temperature range
Features
Y
Capable of operation over the range of g5V to g40V
Y
Large output voltage typically g35V for the LH0004
and g33V for the LH0004C intoa2kX load with
g
40V supplies
Y
Low input offset voltage typically 03 mV
Y
Frequency compensation with 2 small capacitors
Y
Low power consumption 8 mW at g40V
Applications
Y
High voltage power supply
Y
Resolver excitation
Y
Wideband high voltage amplifier
Y
Transducer power supply
Schematic and Connection Diagrams
TLH5559 – 2
Note
Pin 7 must be grounded or connected to a
voltage at least 5V more negative than the positive
supply (Pin 9) Pin 7 may be connected to the nega-
tive supply however the standby current will be in-
creased A resistor may be inserted in series with
Pin 7 to Pin 9 The value of the resistor should be a
maximum of 100 kX per volt of potential between
Pin 3 and Pin 9
Order Number LH0004H
LH0004H-MIL or LH0004CH
See NS Package Number H10G
TLH5559 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LH0004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
High Voltage Operational Amplifier
LH0004C TI1-LH0004C Datasheet
378Kb / 8P
High Voltage Operational Amplifier
More results

Similar Description - LH0004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
High Voltage Operational Amplifier
logo
Microsemi Corporation
SG143 MICROSEMI-SG143 Datasheet
81Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0004 MSK-MSK0004 Datasheet
192Kb / 5P
HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG1436 MICROSEMI-SG1436 Datasheet
430Kb / 5P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
SG1436 MICROSEMI-SG1436_10 Datasheet
321Kb / 5P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
High Voltage Operational Amplifier
11/1/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com