Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA1010-99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA1010-99F
Description  7-11GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA1010-99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA1010-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA1010-99F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
7-11GHz Low Noise Amplifier
CHA1010-99F
Ref. : DSCHA10103333 - 29 Nov 13
3/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Absolute Maximum Ratings (1)
Tamb= +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
6.5V
V
Id
Drain bias current
120
mA
Vg
Gate bias voltage
-1.5 to +0.4
V
Tj
Maximum junction temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
Pin
Maximum peak input power overdrive
-19
dBm
(1) Operation of this device above anyone of these parameters may cause permanent
damage
Rth_eq = 73°C/W (Chip’s equivalent thermal resistance at +85°C backside temperature).
The Rth_eq is extrapolated, taking in account the full chip DC power and the real
temperature increase from the worst case transistor Rth.
Typical Bias Conditions
Tamb= +25°C
Symbol
Pad No
Parameter
Values
Unit
Vd
5
Drain Supply Voltage
5
V
Vg
2
Gate Supply Voltage
-0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com