Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS52F Datasheet(PDF) 2 Page - Dc Components

Part # SS52F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SS52F Datasheet(HTML) 2 Page - Dc Components

  SS52F Datasheet HTML 1Page - Dc Components SS52F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES ( SS52F THRU SS520F )
www.dccomponents.com
2
LEAD TEMPERATURE, (oC)
FIG.1 - TYPICAL FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
2.0
4.0
3.0
5.0
25
50
75
100
125
0
150
175
1.0
FIG.4 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
1000
t, PULSE DURATION (SEC)
0.1
1
0.01
10
100
1.0
0
25
FIG.6 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLE AT 60Hz
2
1
4
6 8 10
20
40
80 100
50
75
100
125
150
At rated TL8.3ms Single Half
Sine-Wave(JEDEC Method)
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
.4
1.0
4
10
40
.1
1000
500
100
80
80
60
40
20
10
TJ= 25oC
SS56F~SS520F
SS52F~SS54F
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.2 0.4
20
10
1.0
.1
0
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
TJ= 25oC
Pulse Width = 300
µS
1% Duty Cycle
SS52F
SS56F~SS58F
SS510F~SS520F
SS54F
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
0
10
1
0.1
0.01
0
100
100
TJ= 25oC
TJ= 100oC
TJ= 75oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com