Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2403 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2403
Description  Monolithic Triple 4.5 nS CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2403 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2403 Datasheet HTML 1Page - National Semiconductor (TI) LM2403 Datasheet HTML 2Page - National Semiconductor (TI) LM2403 Datasheet HTML 3Page - National Semiconductor (TI) LM2403 Datasheet HTML 4Page - National Semiconductor (TI) LM2403 Datasheet HTML 5Page - National Semiconductor (TI) LM2403 Datasheet HTML 6Page - National Semiconductor (TI) LM2403 Datasheet HTML 7Page - National Semiconductor (TI) LM2403 Datasheet HTML 8Page - National Semiconductor (TI) LM2403 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+90V
Bias Voltage (V
BB)
+16V
Input Voltage (V
IN)
−0.5V to V
BIAS +0.5V
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance, Human Body Model
2 kV
Machine Model
250V
Operating Range(Note 3)
V
CC
+60V to +85V
V
BB
+8V to +15V
V
IN
+1V to +5V
V
OUT
+10V to +70V
Case Temperature
−20˚C to +100˚C
Do not operate the part without a heat sink.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur.
Note 2: All voltages are measured with respect to GND, unless otherwise
specified.
Note 3: Operating ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed
specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed. Some per-
formance characteristics may change when the device is not operated under
the listed test conditions.
Electrical Characteristics
(See
Figure 2 for Test Circuit)
Unless otherwise noted: V
CC = +80V, VBB = +12 V, VIN = +3.3 VDC,CL = 8 pF, LP = 0.22 µH, Output = 40 VPP at 1 MHz, TA =
25˚C.
Symbol
Parameter
Condition
LM2403
Units
Min
Typical
Max
I
CC
Supply Current
Per Channel, No Output Load
26
mA
I
BB
Bias Current
All Three Channels
11.5
mA
V
OUT
DC Output Voltage
No AC Input Signal, V
IN = 2.8 V
48
52
56
V
DC
A
V
DC Voltage Gain
No AC Input Signal
−12
−14
−16
∆A
V
Gain Matching
(Note 4), No AC Input Signal
1.0
dB
LE
Linearity Error
(Notes 4, 5), No AC Input Signal
3.5
%
t
R
Rise Time
10% to 90%
4.5
nS
t
F
Fall Time
90% to 10%
4.5
nS
OS
Overshoot
3
%
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in dc gain from VIN = 1.5V to VIN =5V.
Note 6: Input from signal generator: tr,tf < 1 nS.
AC Test Circuit
Figure 2 shows a typical test circuit for evaluation of the LM2403. This circuit is designed to allow testing of the LM2403 in a 50
Ω
environment without the use of an expensive FET probe. The 4950
Ω resistor at the output forms a 100:1 voltage divider when
connected to a 50
Ω load.
DS100082-3
FIGURE 2. Test Circuit (One Channel)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com