Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110MT100KB Datasheet(PDF) 6 Page - International Rectifier

Part # 110MT100KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

110MT100KB Datasheet(HTML) 6 Page - International Rectifier

  110MT100KB Datasheet HTML 1Page - International Rectifier 110MT100KB Datasheet HTML 2Page - International Rectifier 110MT100KB Datasheet HTML 3Page - International Rectifier 110MT100KB Datasheet HTML 4Page - International Rectifier 110MT100KB Datasheet HTML 5Page - International Rectifier 110MT100KB Datasheet HTML 6Page - International Rectifier 110MT100KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
90-110MT..KB Series
6
Bulletin I27501 rev. A 05/03
www.irf.com
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
200
300
400
500
600
700
800
900
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
110MT..KB Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
200
300
400
500
600
700
800
900
1000
0.01
0.1
1
Pulse Train Duration (s)
110MT..KB Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
J
025
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1.5 K/W
1 K/W
0.7 K/W
0.5
K/W
0.4
K/W
0.3
K/W
0.2
K/W
0.1
2
K/W
0
50
100
150
200
250
300
350
400
450
0
25
50
75
100
125
150
Total Output Current (A)
120°
(Rect)
110MT..KB Series
T= 150°C
J
Fig. 11 - Thermal Impedance Z
thJC
Characteristic
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
90MT..KB Series
110MT..KB Series
Per Junction
Steady State Value
R= 1.26 K/W
R= 1.07 K/W
(DC Operation)
thJC
thJC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com