Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110MT120KB Datasheet(PDF) 1 Page - International Rectifier

Part # 110MT120KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

110MT120KB Datasheet(HTML) 1 Page - International Rectifier

  110MT120KB Datasheet HTML 1Page - International Rectifier 110MT120KB Datasheet HTML 2Page - International Rectifier 110MT120KB Datasheet HTML 3Page - International Rectifier 110MT120KB Datasheet HTML 4Page - International Rectifier 110MT120KB Datasheet HTML 5Page - International Rectifier 110MT120KB Datasheet HTML 6Page - International Rectifier 110MT120KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameters
90MT.KB
110MT.KB
Units
I
O
90 (120)
110 (150)
A
@ T
C
90 (61)
90 (57)
°C
I
FSM
@ 50Hz
770
950
A
@ 60Hz
810
1000
A
I
2t
@ 50Hz
3000
4500
A
2s
@ 60Hz
2700
4100
A
2s
I
2√t
30000
45000
A
2√s
V
RRM
range
800 to 1600
V
TSTG
range
- 40 to 150
°C
T
J
range
- 40 to 150
°C
Major Ratings and Characteristics
Features
Package fully compatible with the industry standard INT-A-
pak power modules series
High thermal conductivity package, electrically insulated case
Outstanding number of power encapsulated components
Excellent power volume ratio, outline for easy connections to
power transistor and IGBT modules
4000 V
RMS
isolating voltage
UL E78996 approved
Description
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and heavy
duty applications.
www.irf.com
90 A
110 A
THREE PHASE BRIDGE
Bulletin I27501 rev. A 05/03
1
MT..KB SERIES
Power Modules


Similar Part No. - 110MT120KB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110MT120KPBF VISHAY-110MT120KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
More results

Similar Description - 110MT120KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
THREE PHASE BRIDGE
130MT IRF-130MT Datasheet
94Kb / 7P
THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
THREE PHASE BRIDGE
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
Three Phase Bridge
09-Apr-15
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
Three Phase Bridge
27-Feb-14
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
Three Phase Bridge
03-Mar-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com