Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF2 Datasheet(PDF) 2 Page - C&K Components

Part # TF2
Description  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF2 Datasheet(HTML) 2 Page - C&K Components

  TF2 Datasheet HTML 1Page - C&K Components TF2 Datasheet HTML 2Page - C&K Components TF2 Datasheet HTML 3Page - C&K Components TF2 Datasheet HTML 4Page - C&K Components TF2 Datasheet HTML 5Page - C&K Components TF2 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTION CODE
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
MOVABLE
CONTACT
STATIONARY
CONTACT
F5
Yes
Yes
H8
Yes
Yes
K6
Yes
Yes
J
J–21
Dimensions are shown: inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
TF2 Series
Miniature Snap-acting Switches
SERIES
OPERATING FORCE
ELECTRICAL RATING
TF2 MINIATURE SNAP-ACTING SWITCHES
.795
[20,2]
.110
[2,8]
.110
[2,8]
.406
[10,3]
.579
[14,7]
OPERATING
POSITION
.874
[22,2]
.626
[15,9]
.406
[10,3]
1.094
[27,8]
.165
[4,2]
*Minimums may apply, consult Customer Service Center.
All models
CONTACT MATERIAL
Silver alloy
Silver alloy
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
OPTION CODE
BASIC SWITCH
OPERATING FORCE (grams)
CC
18
CF
45
CG
75
CH
110
CJ
170
EC
230
EE*
330
Third Angle
Projection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com