Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM24 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM24
Description  Monolithic Triple 3 ns CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM24 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM24 Datasheet HTML 1Page - National Semiconductor (TI) LM24 Datasheet HTML 2Page - National Semiconductor (TI) LM24 Datasheet HTML 3Page - National Semiconductor (TI) LM24 Datasheet HTML 4Page - National Semiconductor (TI) LM24 Datasheet HTML 5Page - National Semiconductor (TI) LM24 Datasheet HTML 6Page - National Semiconductor (TI) LM24 Datasheet HTML 7Page - National Semiconductor (TI) LM24 Datasheet HTML 8Page - National Semiconductor (TI) LM24 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2402
Monolithic Triple 3 ns CRT Driver
General Description
The LM2402 is an integrated high voltage CRT driver circuit
designed for use in high resolution color monitor applica-
tions. The IC contains three high input impedance, wide
band amplifiers which directly drive the RGB cathodes of a
CRT. Each channel has its gain internally set to −14 and can
drive CRT capacitive loads as well as resistive loads pre-
sented by other applications, limited only by the package’s
power dissipation.
The IC is packaged in an industry standard 11 lead TO-220
molded plastic power package. See thermal considerations
on page 5.
Features
n Rise/fall times typically 3.0/2.8 ns with 8 pF load at
40 V
PP
n Well matched with LM2202 video preamps
n Output swing capability: 50 VPP for VCC = 80V
n 1V to 5V input range
n Stable with 0-20 pF capacitive loads and inductive
peaking networks
n Convenient TO-220 staggered lead package style
n Standard LM240X family pinout which is designed for
easy PCB layout
Applications
n CRT driver for color monitors with display resolutions up
to 1600 x 1200
n Pixel clock frequency up to 200 MHz
Schematic and Connection Diagrams
DS101016-1
FIGURE 1. Simplified Schematic Diagram
(One Channel)
DS101016-2
Top View
Order Number LM2402T
August 1999
© 1999 National Semiconductor Corporation
DS101016
www.national.com


Similar Part No. - LM24

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM24 NSC-LM24 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM24 NSC-LM24 Datasheet
1Mb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM24 NSC-LM24 Datasheet
529Kb / 10P
Monolithic Triple 7.5 ns CRT Driver
logo
Shenzhen TOPWAY Technol...
LM240120BCW TOPWAY-LM240120BCW Datasheet
788Kb / 10P
LCD Module User Manual
LM240120BFW TOPWAY-LM240120BFW Datasheet
753Kb / 12P
LCD Module User Manual
More results

Similar Description - LM24

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
Monolithic Triple 4.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
Monolithic Triple 3 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2402 TI1-LM2402 Datasheet
585Kb / 14P
Monolithic Triple 3 nS CRT Driver
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com