Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-1 Datasheet(PDF) 13 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 13 Page - Microchip Technology

Back Button UCS1003-1 Datasheet HTML 9Page - Microchip Technology UCS1003-1 Datasheet HTML 10Page - Microchip Technology UCS1003-1 Datasheet HTML 11Page - Microchip Technology UCS1003-1 Datasheet HTML 12Page - Microchip Technology UCS1003-1 Datasheet HTML 13Page - Microchip Technology UCS1003-1 Datasheet HTML 14Page - Microchip Technology UCS1003-1 Datasheet HTML 15Page - Microchip Technology UCS1003-1 Datasheet HTML 16Page - Microchip Technology UCS1003-1 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 13
UCS1003-1/2/3
Charging Current
Threshold Range
IBUS_CHG_RNG
11.72
—
175.8
mA
(Note 5)
DP-DM Shunt Resistor Value
RDCP_RES
——
200
Connected between DPOUT and
DMOUT,
0V < DPOUT = DMOUT < 3V
Response Magnitude
(voltage divider option
resistance range)
SX_RXMAG_
DVDR
93
—
200
k
(Note 5)
Resistor Ratio Range
(voltage divider option)
SX_RATIO
0.25
—
0.66
V/V
(Note 5)
Resistor Ratio Accuracy
(voltage divider option)
SX_RATIO_ ACC
—
±0.5
—
%
Average over range
Response Magnitude
(resistor option range)
SX_RXMAG_
RES
1.8
—
150
k
(Note 5)
Internal Resistor Tolerance
(resistor option)
SX_RXMAG_
RES_ACC
—
±10
—
%
Average over range
Response Magnitude
(voltage option range)
SX_RXMAG_
VOLT
0.4
—
2.2
V
(Note 5)
Voltage Option Accuracy
SX_RXMAG_
VOLT_ACC
—
±1
—
%
No load, average over range
Voltage Option Accuracy
SX_RXMAG_
VOLT_ACC_ 150
—
-6
—
%
150 µA load,
average over range
Voltage Option Accuracy
SX_RXMAG_
VOLT_ACC_ 250
—
-10
—
%
250 µA load,
average over range
Voltage Option Output
SX_RXMAG_
VOLT_BC
0.5
—
—
V
DMOUT = 0.6V, 250 µA load
(Note 3)
Response Magnitude
(zero volt option range)
SX_PUPD
10
—
150
µA
SX_RXMAG_VOLT = 0
(Note 5)
Pull-Down Current Accuracy
SX_PUPD _
ACC_3p6
—±5
—
%
DPOUT or DMOUT = 3.6V,
compliance voltage
Pull-Down Current
SX_PUPD _
ACC_BC
50
—
—
µA
Setting = 100 µA,
DPOUT or DMOUT = 0.15V
compliance voltage (Note 3)
Stimulus Voltage
Threshold Range
SX_TH
0.3
—
2.2
V
(Note 5)
Stimulus Voltage Accuracy
SX_TH_ ACC
—
±2
—
%
Average over range
Stimulus Voltage Accuracy
SX_TH_ACC_
BC
0.25
—
—
V
At SX_TH = 0.3V (Note 3)
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS1003-1 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Min and Max values represent the boundaries of a programmable range for UCS1003-1 only. Each value
in the range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com