Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC654 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC654 Datasheet HTML 7Page - Microchip Technology TC654 Datasheet HTML 8Page - Microchip Technology TC654 Datasheet HTML 9Page - Microchip Technology TC654 Datasheet HTML 10Page - Microchip Technology TC654 Datasheet HTML 11Page - Microchip Technology TC654 Datasheet HTML 12Page - Microchip Technology TC654 Datasheet HTML 13Page - Microchip Technology TC654 Datasheet HTML 14Page - Microchip Technology TC654 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 11
TC654/TC655
4.3
Fan Start-up
Often overlooked in fan speed control is the actual
start-up control period. When starting a fan from a non-
operating condition (fan speed is zero RPM), the
desired PWM duty cycle or average fan voltage can not
be applied immediately. Since the fan is at a rest posi-
tion, the fan’s inertia must be overcome to get it started.
The best way to accomplish this is to apply the full rated
voltage to the fan for one second. This will ensure that
in all operating environments, the fan will start and
operate properly.
The TC654 and TC655 devices implement this fan con-
trol feature without any user programming. During a
power-up or release from shutdown condition, the
TC654 and TC655 devices force the VOUT output to a
100% duty cycle, turning the fan full on for one second
(CF = 1 µF). Once the one second period is over, the
TC654/TC655 devices will look to see if SMBus or VIN
control has been selected in the Configuration Register
(DUTYC bit 5<0>). Based on this register, the device
will choose which input will control the VOUT duty cycle.
Duty cycle control based on VIN is the default state. If
VIN control is selected and the VIN pin is open (nothing
is connected to the VIN pin), then the TC654/TC655 will
default to a duty cycle of 39.33%. This sequence is
shown in Figure 4-4. This integrated one second start-
up feature will ensure the fan starts-up every time.
FIGURE 4-4:
Power-Up Flow Chart.
4.4
PWM Drive Frequency (CF)
As previously discussed, the TC654 and TC655
devices operate with a fixed PWM frequency. The fre-
quency of the PWM drive output (VOUT) is set by a
capacitor at the CF pin. With a 1 µF capacitor at the CF
pin, the typical drive frequency is 30 Hz. This frequency
can be raised, by decreasing the capacitor value, or
lowered, by increasing the capacitor value. The rela-
tionship between the capacitor value and the PWM fre-
quency is linear. If a frequency of 15 Hz is desired, a
capacitor value of 2.0 µF should be used. The fre-
quency should be kept in the range of 15 Hz to 35 Hz.
See Section 7.2 “Setting the PWM Frequency” for
more details.
4.5
Duty Cycle Control (VIN and Duty-
Cycle Register)
The duty cycle of the VOUT PWM drive signal can be
controlled by either the VIN analog input pin or by the
Duty-Cycle Register, which is accessible via the
SMBus interface. The control method is selectable via
DUTYC (bit 5<0>) of the Configuration Register. The
default state is for VIN control. If VIN control is selected
and the VIN pin is open, the PWM duty cycle will default
to 39.33%. The duty cycle control method can be
changed at any time via the SMBus interface.
VIN is an analog input pin. A voltage in the range of
1.62V to 2.6V (typical) at this pin commands a 30% to
100% duty cycle on the VOUT output, respectively. If the
voltage at VIN falls below the 1.62V level, the duty cycle
will not go below 30%. The relationship between the
voltage at VIN and the PWM duty cycle is shown in
Figure 4-5.
FIGURE 4-5:
PWM Duty Cycle vs. VIN
Voltage (Typical).
For the TC655 device, if the voltage at VIN exceeds the
2.6V (typical) level, an over-temperature fault indica-
tion will be given by asserting a low at the FAULT output
and setting OTF (bit 5<X>) in the Status Register to a
‘1’.
A thermistor network or any other voltage output ther-
mal sensor can be used to provide the voltage to the
VIN input. The voltage supplied to the VIN pin can actu-
ally be thought of as a temperature. For example, the
circuit shown in Figure 4-6 represents a typical solution
for a thermistor based temperature sensing network.
See Section 7.3 “Temperature Sensor Design” for
more details.
Power-Up or Release
from SHDN
One Second Pulse
Select SMBus
NO
VIN Open?
NO
YES
YES
Default PWM: 39.33%
SMBus PWM Duty
Cycle Control
VIN PWM Duty
Cycle Control
0
10
20
30
40
50
60
70
80
90
100
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com