Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC654T Datasheet(PDF) 18 Page - Microchip Technology

Part # TC654T
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654T Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC654T Datasheet HTML 14Page - Microchip Technology TC654T Datasheet HTML 15Page - Microchip Technology TC654T Datasheet HTML 16Page - Microchip Technology TC654T Datasheet HTML 17Page - Microchip Technology TC654T Datasheet HTML 18Page - Microchip Technology TC654T Datasheet HTML 19Page - Microchip Technology TC654T Datasheet HTML 20Page - Microchip Technology TC654T Datasheet HTML 21Page - Microchip Technology TC654T Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TC654/TC655
DS20001734C-page 18
 2002-2014 Microchip Technology Inc.
6.2
FAN_FAULT1 & FAN_FAULT2
Threshold Registers
(FAN_FAULT1 & FAN_ FAULT2)
The Fan Fault Threshold Registers (FAN_FAULT1 and
FAN_ FAULT2) are used to set the fan fault threshold
levels for fan 1 and fan 2, respectively. The Fan Fault
Registers are 8-bit, read/writable registers that allow
the fan fault RPM threshold to be set in 50 RPM incre-
ments. The default setting for both Fan Fault registers
is 500 RPM (0000
1010
). The maximum set point
value is 12750 RPM. If the measured fan RPM (stored
in RPM1 and RPM2 Registers) drops below the value
that is set in the Fan Fault Registers for more than
2.4sec, a fan fault indication will be given. F1F (bit
0<0>) and F2F (bit 1<0>) in the Status Register indi-
cate fan fault conditions for fan 1 and fan 2, respec-
tively. The FAULT output will also be pulled low in a fan
fault condition. Changing FFCLR (bit 7<0>) in the Con-
figuration Register will reset the fan fault bits in the Sta-
tus Register as well as the FAULT output. See
Register 6-2 for the Fan Fault Threshold Register 8-bit
format.
REGISTER 6-2:
FAN FAULT THRESHOLD REGISTERS (FAN_FAULT1 & FAN_FAULT2)
D(7)
D(6)
D(5)
D(4)
D(3)
D(2)
D(1)
D(0)
RPM
000
00
000
0
000
00
000
50
000
00
010
100
.
...
...
.
.
...
...
.
111
11
110
12700
111
11
111
12750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com