Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU101 Datasheet(PDF) 1 Page - Total Power International

Part # MSLU101
Description  SMD Package with Industry Standard Pinout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSLU101 Datasheet(HTML) 1 Page - Total Power International

  MSLU101 Datasheet HTML 1Page - Total Power International MSLU101 Datasheet HTML 2Page - Total Power International MSLU101 Datasheet HTML 3Page - Total Power International MSLU101 Datasheet HTML 4Page - Total Power International MSLU101 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
►SMD Package with Industry Standard Pinout
►Small Footprint:
11.0 x 13.7 mm (0.43”x 0.54”) Single Output Models
11.0 x 16.3 mm (0.43”x 0.64”) Dual Output Models
►I/O-Isolation 1500 VDC
►Single and Dual Output Models
►Operating Temp. Range –40°C to +85°C
►High Accuracy of Pin Planarity
►Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
►Tape & Reel Package available
►3 Year Product Warranty
PRODUCT OVERVIEW
The MSLU100 series is a range of 1W DC/DC converters in a SMD- Package featuring I/O-isolation of 1500VDC.The very small footprint makes this
product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, in digital interfaces or
where a converted voltage is required.
An excellent efficiency allows an operating temperature range of –40°C to +85°C. With a new package design these converters are fully qualified for the
higher temperature profile used in lead-free reflow solder processes. For automated SMD production lines the product can be supplied in tape& reel
package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSLU101
3.3
300
6
271
10
73
MSLU102
5
200
4
256
10
78
MSLU103
9
110
2
254
10
78
MSLU104
12
84
1.5
259
8
78
MSLU105
15
67
1
254
7
33
79
MSLU106
±5
±100
±2
270
10
74
MSLU108
±12
±42
±0.8
259
8
78
MSLU109
5
(4.5 ~ 5.5)
±15
±33
±0.7
254
30
7
33#
78
MSLU111
3.3
300
6
112
8
74
MSLU112
5
200
4
109
8
76
MSLU113
9
110
2
106
8
78
MSLU114
12
84
1.5
106
5
79
MSLU115
15
67
1
105
5
33
80
MSLU116
±5
±100
±2
113
8
74
MSLU118
±12
±42
±0.8
108
5
78
MSLU119
12
(10.8 ~ 13.2)
±15
±33
±0.7
104
15
5
33#
79
MSLU154
12
84
1.5
86
5
78
MSLU155
15
(13.5 ~ 16.5)
15
67
1
86
14
5
33
78
MSLU121
3.3
300
6
58
8
72
MSLU122
5
200
4
54
8
78
MSLU123
9
110
2
54
8
77
MSLU124
12
84
1.5
55
5
77
MSLU125
15
67
1
53
8
5
33
79
MSLU126
±5
±100
±2
57
8
73
MSLU128
±12
±42
±0.8
54
5
78
MSLU129
24
(21.6 ~ 26.4)
±15
±33
±0.7
53
9
5
33#
78
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MSLU101

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU101 MINMAX-MSLU101 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MIC GROUP RECTIFIERS
MSLU101 MIC-MSLU101 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU101

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
SMD Package with Industry Standard Pinout
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
SMD Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
SIP Package with Industry Standard Pinout
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
SIP Package with Industry Standard Pinout
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com