Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8025 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 17Page - Microchip Technology MCP8025 Datasheet HTML 18Page - Microchip Technology MCP8025 Datasheet HTML 19Page - Microchip Technology MCP8025 Datasheet HTML 20Page - Microchip Technology MCP8025 Datasheet HTML 21Page - Microchip Technology MCP8025 Datasheet HTML 22Page - Microchip Technology MCP8025 Datasheet HTML 23Page - Microchip Technology MCP8025 Datasheet HTML 24Page - Microchip Technology MCP8025 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 21
MCP8025/6
TABLE 3-2:
MCP8026 – PIN FUNCTION TABLE
QFN
TQFP
Symbol
I/O
Description
2
1
PWM1L
I
Digital input, phase A low-side control, 47 k
 pull down
3
2
PWM1H
I
Digital input, phase A high-side control, 47 k
 pull down
4
3
CE
I
Digital input, device enable, 47 k
 pull down
—
4
LV_OUT2
O
Level Translator 2 logic level translated output, open-drain
—
5
HV_IN2
I
Level Translator 2 high-voltage input, 30 k
 configurable pull up
5
6
HV_IN1
I
Level Translator 1 high-voltage input, 30 k
 configurable pull up
—
7
PGND
Power Power 0V reference
6
8
LV_OUT1
O
Level Translator 1 logic level translated output, open-drain
7
9
I_OUT3
O
Motor phase current sense amplifier 3 output
8
10
ISENSE3-
I
Motor phase current sense amplifier 3 inverting input
9
11
ISENSE3+
I
Motor phase current sense amplifier 3 non-inverting input
10
12
I_OUT2
O
Motor phase current sense amplifier 2 output
11
13
ISENSE2-
I
Motor phase current sense amplifier 2 inverting input
12
14
ISENSE2+
I
Motor phase current sense amplifier 2 non-inverting input
13
15
ILIMIT_OUT
O
Current limit comparator, MOSFET driver fault output, open-drain
14
16
I_OUT1
O
Motor current sense amplifier 1 output
15
17
ISENSE1-
I
Motor current sense amplifier 1 inverting input
16
18
ISENSE1+
I
Motor current sense amplifier 1 non-inverting input
17
19,20
PGND
Power Power 0V reference
18
21
LSA
O
Phase A low-side N-Channel MOSFET driver, active high
19
22
LSB
O
Phase B low-side N-Channel MOSFET driver, active high
20
23
LSC
O
Phase C low-side N-Channel MOSFET driver, active high
—
24
PGND
Power Power 0V reference
21
25
HSC
O
Phase C high-side N-Channel MOSFET driver, active high
22
26
HSB
O
Phase B high-side N-Channel MOSFET driver, active high
23
27
HSA
O
Phase A high-side N-Channel MOSFET driver, active high
24
28
PHC
I/O
Phase C high-side MOSFET driver reference, Back EMF sense input
25
29
PHB
I/O
Phase B high-side MOSFET driver reference, Back EMF sense input
26
30
PHA
I/O
Phase A high-side MOSFET driver reference, Back EMF sense input
27
31
VBC
Power Phase C high-side MOSFET driver bias
28
32
VBB
Power Phase B high-side MOSFET driver bias
29
33
VBA
Power Phase A high-side MOSFET driver bias
30
34
+12V
Power Analog circuitry and low-side gate drive bias
—
35,36
PGND
Power Power 0V reference
31
37
LX
Power Buck regulator switch node, external inductor connection
32
38, 39
VDD
Power Input supply
33
40
FB
I
Buck regulator feedback node
34
41
+5V
Power Internal circuitry bias
35
42
CAP2
Power Charge pump flying capacitor input
36
43
CAP1
Power Charge pump flying capacitor input
37
44
DE2
O
Voltage and temperature supervisor output, open-drain
38
45
PWM3L
I
Digital input, phase C low-side control, 47 k
 pull down
39
46
PWM3H
I
Digital input, phase C high-side control, 47 k
 pull down
40
47
PWM2L
I
Digital input, phase B low-side control, 47 k
 pull down
1
48
PWM2H
I
Digital input, phase B high-side control, 47 k
 pull down
EP
EP
PGND
Power Exposed Pad. Connect to Power 0V reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com