Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8025-115E/MP Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP8025-115E/MP
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025-115E/MP Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP8025-115E/MP Datasheet HTML 35Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 36Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 37Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 38Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 39Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 40Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 41Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 42Page - Microchip Technology MCP8025-115E/MP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 39
MCP8025/6
4.5.5
MESSAGES
4.5.5.1
SET_CFG_0
The SET_CFG_0 message is sent by the host to the
MCP8025/6 devices to configure the devices. The
SET_CFG_0
message may be sent to the device at any
time. The host is responsible for making sure the
system is in a state that will not be compromised by
sending the SET_CFG_0 message. The SET_CFG_0
message format is indicated in Table 4-7. The
response is indicated in Table 4-8.
4.5.5.2
GET_CFG_0
The GET_CFG_0 message is sent by the host to the
MCP8025/6
devices
to
retrieve
the
device
configuration register. The GET_CFG_0 message
format is indicated in Table 4-7. The response is
indicated in Table 4-8.
4.5.5.3
STATUS_0 and STATUS_1
STATUS_0
and STATUS_1 messages are sent by the
host to the MCP8025/6 devices to retrieve the device
STAT0 or STAT1 register. Unsolicited STATUS_0 and
STATUS_1
messages may also be sent to the host by
the MCP8025/6 devices to inform the host of status
changes. The unsolicited STATUS_0 and STATUS_1
messages will only be sent when a status bit changes
to an active state. The STATUS_0 and STATUS_1
message format is indicated in Table 4-7. The
response is indicated in Table 4-8.
When a STATUS_0 and STATUS_1 message is sent to
the host in response to a new fault becoming active, the
fault bit will be cleared either by the host issuing a
STATUS_0
and STATUS_1 request message or by the
host toggling the CE pin low then high. The fault bit will
stay active and not be cleared if the fault condition still
exists at the time the host attempted to clear the fault.
The BORW bit in the STAT1 register will be set every
time the device restarts due to a brown-out event, a
Sleep mode wake-up or a normal power-up. When the
bit is set, a single unsolicited message will be sent to
the host indicating a voltage brownout or power-up has
taken place and that the configuration data may have
been lost. The flag is reset by a ‘STATUS_1 ACK’
(01000110 (46H)) from the device in response to a
Host Status Request command.
4.5.5.4
SET_CFG_1
The SET_CFG_1 message is sent by the host to the
MCP8025/6 devices to configure the motor current limit
reference DAC. The SET_CFG_1 message may be
sent to the device at any time. The host is responsible
for making sure the system is in a state that will not be
compromised by sending the SET_CFG_1 message.
The SET_CFG_1 message format is indicated in
Table 4-7. The response is indicated in Table 4-8.
4.5.5.5
GET_CFG_1
The GET_CFG_1 message is sent by the host to the
MCP8025/6 devices to retrieve the motor current limit
reference DAC configuration register. The GET_CFG_1
message format is indicated in Table 4-7. The
response is indicated in Table 4-8.
4.5.5.6
SET_CFG_2
The SET_CFG_2 message is sent by the host to the
MCP8025/6 devices to configure the driver current limit
blanking time. The SET_CFG_2 message may be sent
to the device at any time. The host is responsible for
making sure the system is in a state that will not be
compromised by sending the SET_CFG_2 message.
The SET_CFG_2 message format is indicated in
Table 4-7. The response is indicated in Table 4-8.
4.5.5.7
GET_CFG_2
The GET_CFG_2 message is sent by the host to the
MCP8025/6
devices
to
retrieve
the
device
Configuration Register 2. The GET_CFG_2 message
format is indicated in Table 4-7. The response is
indicated in Table 4-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com