Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU404 Datasheet(PDF) 3 Page - Total Power International

Part # MSLU404
Description  SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSLU404 Datasheet(HTML) 3 Page - Total Power International

  MSLU404 Datasheet HTML 1Page - Total Power International MSLU404 Datasheet HTML 2Page - Total Power International MSLU404 Datasheet HTML 3Page - Total Power International MSLU404 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSLU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
Package Specifications
Mechanical Dimensions (Single Ouput)
Connecting Pin Patterns
Package Specifications
Mechanical Dimensions (Dual Output)
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
► Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size (Single Output)
:
13.7x9.3x8.6mm (0.54x0.37x0.34 Inches)
1
-Vin
-Vin
Case Size (Dual Output)
:
16.3x9.3x8.6mm (0.64x0.37x0.34 Inches)
2
+Vin
+Vin
4
-Vout
Common
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
5
+Vout
-Vout
7
No Pin
+Vout
Weight (Single Output)
:
1.5g
8
NA
No Pin
Weight (Dual Output)
:
2.2g
10
No Pin
NA
NA : Not Available for Electrical Connection
1
2
4
8
5
13.7 [0.54]
6.15
[0.24]
6.15
[0.24]
5.08
[0.2]
2.54
[0.1]
3.04
[0.12]
0.60 [0.02]
1.5 0.1
[0.06 0.004]
1.5 0.1
[0.06 0.004]
S SEATING PLANE
0.1
S
( Magnification of A )
1
2
4
10
7
5
16.3 [0.64]
2.54
[0.1]
2.54
[0.1]
5.08
[0.2]
3.07
[0.12]
0.60 [0.02]
6.15
[0.24]
6.15
[0.24]
[0.06 0.004]
1.5 0.1
[0.06 0.004]
S SEATING PLANE
0.1
S
( Magnification of A )
1.5 0.1
2.54 [0.10]
7.62 [0.30]
1.0 [0.04]
11.9 [0.47]
1.8 [0.07]
2.54 [0.10]
7.62 [0.30]
1.0 [0.04]
11.9 [0.47]
1.8 [0.07]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com