Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU325 Datasheet(PDF) 3 Page - Total Power International

Part # MSLU325
Description  SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSLU325 Datasheet(HTML) 3 Page - Total Power International

  MSLU325 Datasheet HTML 1Page - Total Power International MSLU325 Datasheet HTML 2Page - Total Power International MSLU325 Datasheet HTML 3Page - Total Power International MSLU325 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSLU300 SERIES
DC/DC CONVERTER 1W, High Isolation,SMD-Package
NA : Not Available for Electrical Connection
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications subject to change without notice.
8
It is not recommended to use water-washing process on SMT units.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05 (±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
16.3x8.0x7.7mm (0.64x0.31x0.30 Inches)
1
-Vin
-Vin
2
+Vin
+Vin
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
3
NA
NA
5
-Vout
Common
Weight
:
2g
6
NA
-Vout
7
NA
NA
8
+Vout
+Vout
10
NA
NA
11
NA
NA
12
NA
NA
12
3
5
12 11 10
8
6
7
0.60 [0.02]
16.3 [0.64]
1.8
[0.07]
5.08 5.08
[0.2]
[0.2]
1.5 0.1
5.5
[0.06 0.004]
[0.22]
1.5 0.1
[0.06 0.004]
5.5
[0.22]
S SEATING PLANE
2.54
[0.1]
( Magnification of A )
0.1
S
10.6 [0.42]
12.70 [0.50]
1.7 [0.07]
2.54 [0.10]
1.0 [0.04]
5.08 [0.20]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com