Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU326 Datasheet(PDF) 1 Page - Total Power International

Part # MSLU326
Description  SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSLU326 Datasheet(HTML) 1 Page - Total Power International

  MSLU326 Datasheet HTML 1Page - Total Power International MSLU326 Datasheet HTML 2Page - Total Power International MSLU326 Datasheet HTML 3Page - Total Power International MSLU326 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
►SMD Package with Industry Standard Pinout
►Small Footprint: 11.0x 16.3 mm (0.43”x 0.64”)
►High 3000VDC I/O-Isolation
►Single and Dual Output Models
►Operating Temp. Range –40°C to +85°C
►High Accuracy of Pin Planarity
►Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
►Tape & Reel Package available
►3 Year Product Warranty
PRODUCT OVERVIEW
The MSLU300 series is a range of 1W DC/DC converters in a SMD- Package featuring high I/O-isolation of 3000VDC.The very small footprint makes
this product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,in digital
interfaces or where a converted voltage is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. With a new package design these converters are fully qualified for the
higher temperature profile used in lead-free reflow solder processes. For automated SMD production lines the product can be supplied in tape& reel
package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSLU301
3.3
260
5
238
10
33
72
MSLU302
5
200
4
267
10
33
75
MSLU304
12
84
2
255
7
4.7
79
MSLU305
15
67
1.5
251
7
4.7
80
MSLU306
±5
±100
±2
267
10
10#
75
MSLU308
±12
±42
±0.8
255
7
2.2#
79
MSLU309
5
(4.5 ~ 5.5)
±15
±34
±0.7
255
30
7
2.2#
80
MSLU311
3.3
260
5
98
10
33
73
MSLU312
5
200
4
110
8
33
76
MSLU314
12
84
2
105
5
4.7
80
MSLU315
15
67
1.5
103
5
4.7
81
MSLU316
±5
±100
±2
110
8
10#
76
MSLU318
±12
±42
±0.8
105
5
2.2#
80
MSLU319
12
(10.8 ~ 13.2)
±15
±34
±0.7
106
15
5
2.2#
80
MSLU321
3.3
260
5
51
10
33
70
MSLU322
5
200
4
57
8
33
73
MSLU324
12
84
2
53
5
4.7
79
MSLU325
15
67
1.5
53
5
4.7
79
MSLU326
±5
±100
±2
57
8
10#
73
MSLU328
±12
±42
±0.8
53
5
2.2#
79
MSLU329
24
(21.6 ~ 26.4)
±15
±34
±0.7
54
8
5
2.2#
79
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
550
mW
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MSLU326

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU326 MINMAX-MSLU326 Datasheet
178Kb / 6P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MSLU326 MINMAX-MSLU326 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSLU326 MINMAX-MSLU326 Datasheet
287Kb / 5P
DC/DC CONVERTER 1W, High Isolation,SMD-Package
More results

Similar Description - MSLU326

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
SMD Package with Industry Standard Pinout
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
SMD Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
SIP Package with Industry Standard Pinout
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
SIP Package with Industry Standard Pinout
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com