Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2SMSJ Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # P2SMSJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P2SMSJ Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  P2SMSJ Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P2SMSJ Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P2SMSJ Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.yeashin.com
3
REV.03 20140702
P2SMSJ Series
DEVICE CHARACTERISTICS
td,PULSE WIDTH, micro sec
T,TIME,ms
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
10/1000 u se c Wa ve form
as Defined b ye R.E.A.
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
1.0
2.0
5.0 10
20
50 100
200
Mea sured a t
Zero Bia s
T
J =2 5
C
O
f= 1.0MHZ
Vsig = 50mVp -p
10,000
1,000
100
10
V(
), REVERSE STAND-OFF VOLTAGE, VOLTS
RWM
Mea sured a t
Sta nd -Off
Volta ge(V
)
RWM
50
40
30
20
10
2
4
10
20
40
100
0
1
T= Tma x
8.3ms Sing le Ha lf SinepWave
JEDEC Me thod
JJ
MOUNTING PAD LAYOUT
S
Fig.3 PULSE WAVE FORM
Fig.1 PEAK PULSE POWER RATING CURVE
Fig.2 DERATING CURVE
Fig.4 TYPICAL CAPACITANCE
Fig.5 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com