Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP3A13F Datasheet(PDF) 3 Page - ZP Semiconductor

Part # ZXMP3A13F
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

ZXMP3A13F Datasheet(HTML) 3 Page - ZP Semiconductor

  ZXMP3A13F Datasheet HTML 1Page - ZP Semiconductor ZXMP3A13F Datasheet HTML 2Page - ZP Semiconductor ZXMP3A13F Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-30
V
ID=-250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-0.5
AVDS=-30V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-1.0
V
I
D
=-250 A, VDS=VGS
Static Drain-Source On-State Resistance (1) RDS(on)
0.210
0.330
VGS=-10V, ID=-1.4A
VGS=-4.5V, ID=-1.1A
Forward Transconductance (1)(3)
gfs
2.4
S
VDS=-15V,ID=-1.4A
DYNAMIC (3)
Input Capacitance
Ciss
206
pF
VDS=-15V, VGS=0V,
f=1MHz
Output Capacitance
Coss
59.3
pF
Reverse Transfer Capacitance
Crss
49.2
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
1.5
ns
VDD =-15V, ID=-1A
RG=6.0 ,VGS=-10V
Rise Time
tr
3.0
ns
Turn-Off Delay Time
td(off)
11.1
ns
Fall Time
tf
7.6
ns
Gate Charge
Qg
3.8
nC
VDS=-15V,VGS=-5V,
ID=-1.4A
Total Gate Charge
Qg
6.4
nC
VDS=-15V,VGS=-10V,
ID=-1.4A
Gate-Source Charge
Qgs
0.69
nC
Gate-Drain Charge
Qgd
2.0
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
-0.85
-0.95
V
TJ=25°C, IS=-1.1A,
VGS=0V
Reverse Recovery Time (3)
trr
15.6
ns
TJ=25°C, IF=-0.95A,
di/dt= 100A/
μs
Reverse Recovery Charge (3)
Qrr
9.6
nC
ELECTRICAL CHARACTERISTICS
(at TA = 25°C unless otherwise stated)
NOTES:
(1) Measured under pulsed conditions. Width
=300μs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
ZXMP3A13F
30V P-CHANNEL ENHANCEMENT MODE MOSFET
3 of 3
sales@zpsemi.com
www.zpsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com