Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP3F30FH Datasheet(PDF) 1 Page - ZP Semiconductor

Part # ZXMP3F30FH
Description  30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

ZXMP3F30FH Datasheet(HTML) 1 Page - ZP Semiconductor

  ZXMP3F30FH Datasheet HTML 1Page - ZP Semiconductor ZXMP3F30FH Datasheet HTML 2Page - ZP Semiconductor ZXMP3F30FH Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZXMP3F30FH
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
Summary
V(BR)DSS (V)
RDS(on) (Ω)
ID (A)
0.080 @ VGS= -10V
-4.0
-30
0.140 @ VGS= -4.5V
Description
This new generation Trench MOSFET from TY has been designed to minimize the
on-state resistance (RDS(on)) and yet maintain superior switching performance.
Features
• Low on-resistance
• Fast switching speed
• 4.5V gate drive capability
• Thermally enhanced SOT23 package
Applications
• Power management
• Portable Equipment
• Battery charging
Ordering information
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMP3F30FHTA
7”
8mm
3,000
Pinout – top view
Device marking
KPA
1 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - ZXMP3F30FH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3F30FH ZETEX-ZXMP3F30FH Datasheet
229Kb / 8P
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3F30FH DIODES-ZXMP3F30FH Datasheet
208Kb / 8P
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
AUGUST 2008
logo
Zetex Semiconductors
ZXMP3F30FHTA ZETEX-ZXMP3F30FHTA Datasheet
229Kb / 8P
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3F30FHTA DIODES-ZXMP3F30FHTA Datasheet
208Kb / 8P
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
AUGUST 2008
logo
VBsemi Electronics Co.,...
ZXMP3F30FHTA VBSEMI-ZXMP3F30FHTA Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXMP3F30FH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3F30FH ZETEX-ZXMN3F30FH Datasheet
404Kb / 8P
30V SOT23 N-channel enhancement mode MOSFET
ZXMP3F30FH ZETEX-ZXMP3F30FH Datasheet
229Kb / 8P
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3F30FH DIODES-ZXMN3F30FH Datasheet
417Kb / 8P
30V SOT23 N-channel enhancement mode MOSFET
FEBRUARY 2008
ZXMP3F30FH DIODES-ZXMP3F30FH Datasheet
208Kb / 8P
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
AUGUST 2008
DMN3730U DIODES-DMN3730U_15 Datasheet
196Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
Rev 2
logo
ZP Semiconductor
DMN3730U ZPSEMI-DMN3730U Datasheet
264Kb / 3P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
ZXMN3F30FH ZPSEMI-ZXMN3F30FH Datasheet
202Kb / 3P
30V SOT23 N-channel enhancement mode MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com