Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9435 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM9435
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9435 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM9435 Datasheet HTML 1Page - Anpec Electronics Coropration APM9435 Datasheet HTML 2Page - Anpec Electronics Coropration APM9435 Datasheet HTML 3Page - Anpec Electronics Coropration APM9435 Datasheet HTML 4Page - Anpec Electronics Coropration APM9435 Datasheet HTML 5Page - Anpec Electronics Coropration APM9435 Datasheet HTML 6Page - Anpec Electronics Coropration APM9435 Datasheet HTML 7Page - Anpec Electronics Coropration APM9435 Datasheet HTML 8Page - Anpec Electronics Coropration APM9435 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Mar., 2003
APM9435
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
T
A = 25°C
2.5
P
D
Maximum Power Dissipation
T
A = 100°C
1.0
W
T
J
)TSTG
Maximum Operating and Storage Junction Temperature
-55 to 150
°C
RθJA
Thermal Resistance - Junction to Ambient
50
°C/W
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
APM9435
Symbol
Parameter
Test Condition
Min.
Typ
a. Max.
Unit
Static
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V, ID=-250µA
-30
V
I
DSS
Zero Gate Voltage Drain Current
V
DS=24V, VGS=0V
-1
uA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID=250µA
-1
-3
V
I
GSS
Gate Leakage Current
V
GS=±25V, VDS =0V
±100
nA
V
GS=-10V, ID=-4.6A
52
60
R
DS(ON)
Drain-Source On-state Resistance b
V
GS=-4.5V, ID=-2A
80
95
m
Ω
V
SD
Diode Forward Voltage b
I
SD=-3A, VGS=0V
-0.6
-1.3
V
Dynamic
a
Q
g
Total Gate Charge
22.5
29
Q
gs
Gate-Source Charge
4.5
Q
gd
Gate-Drain Charge
V
DS=-15V, VGS=-10V,
I
D=-4.6A
2
nC
t
d(ON)
Turn-on Delay Time
8
17
t
r
Turn-on Rise Time
8
18
t
d(OFF)
Turn-off Delay Time
35
60
t
f
Turn-off Fall Time
V
DD=-25V, RL=12.5Ω,
I
D=-2A , VGEN=-10V,
R
G=6Ω,
11
28
ns
C
iss
Input Capacitance
845
C
oss
Output Capacitance
120
C
rss
Reverse Transfer Capacitance
V
GS=0V, VDS=-25V
Frequency = 1.0MHZ
80
pF
Notes
a : Guaranteed by design, not subject to production testing
b : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com