Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM293
Description  Low Power Low Offset Voltage Dual Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM293 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM293 Datasheet HTML 1Page - National Semiconductor (TI) LM293 Datasheet HTML 2Page - National Semiconductor (TI) LM293 Datasheet HTML 3Page - National Semiconductor (TI) LM293 Datasheet HTML 4Page - National Semiconductor (TI) LM293 Datasheet HTML 5Page - National Semiconductor (TI) LM293 Datasheet HTML 6Page - National Semiconductor (TI) LM293 Datasheet HTML 7Page - National Semiconductor (TI) LM293 Datasheet HTML 8Page - National Semiconductor (TI) LM293 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Continued)
on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time
duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns
to a value greater than −0.3V.
Note 4: These specifications are limited to −55˚C
≤TA≤+125˚C, for the LM193/LM193A. With the LM293 all temperature specifications are limited to
−25˚C
≤TA≤+85˚C and the LM393 temperature specifications are limited to 0˚C≤TA≤+70˚C. The LM2903 is limited to −40˚C≤TA≤+85˚C.
Note 5: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the outputso
no loading change exists on the reference or input lines.
Note 6: The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode
voltage range is V+−1.5V at 25˚C, but either or both inputs can go to 36V without damage, independent of the magnitude of V+.
Note 7: The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see typical performance
characteristics section.
Note 8: Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the
comparator will provide a proper output state. The low input voltage state must not be less than −0.3V (or 0.3V below the magnitude of the negative power supply,
if used).
Note 9: At output switch point, VO.1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25˚C.
Note 10: Refer to RETS193AX for LM193AH military specifications and to RETS193X for LM193H military specifications.
Ordering Information
Package
Temperature Range
Part Number
NSC Drawing
8-Pin Metal Can
−55˚C to 125˚C
LM193H*
H08C
LM193H/883
LM193H-MLS
LM193AH-MLS
LM193AH-QMLV**
LM193AH
LM193AH/883
−25˚C to 85˚C
LM293H
0˚C to 70˚C
LM393H
8-Pin Ceramic DIP
−55˚C to 125˚C
LM193J/883*
J08A
LM193AJ/883
LM193AJ-QMLV**
LM193AJ-MLS
8-Pin Molded DIP
0˚C to 70˚C
LM393N
N08E
−40˚C to 85˚C
LM2903N
8-Pin SOIC
0˚C to 70˚C
LM393M
M08A
LM393MX
−40˚C to 85˚C
LM2903M
LM2903MX
8-Bump (12 mils)
micro SMD
0˚C to 70˚C
LM393TL
TLA08AAA
LM393TLX
−40˚C to 85˚C
LM2903ITL
LM2903ITLX
Note: * Also available per LM38510/11202
Note: ** See STD Mil DWG 5962-94526
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com