Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5865 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM5865
Description  4-Channel 720H Video Decoders and Audio Codecs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5865 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM5865 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5865 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5865 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM5865
4-Channel 720H Video Decoders and Audio Codecs
Product Brief
www.davicom.com.tw
2
Version: 1.0
March 1, 2013
2. General Description
The DM5865 is a 4-channel video decoder which
converts 4 channels of 6.5 MHz analog CVBS signals
to 4 channels of digital 27 MHz CCIR656 signals. The
DM5865 integrates two internal PLLs, and decodes
720H videos using the same (27MHz) external clock
source. The DM5865 also features a patented fast
switch function. With the fast switch function, the
DM5865 can decode up to 8 analog CVBS with little
frame rate loss.
The DM5865 also includes five audio ADCs and one
audio DAC. Audio cascade up to 16 channels is also
supported.
2. Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com