Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5885 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM5885
Description  4-Channel Video Decoders and Mixer and Audio Codecs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5885 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM5885 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5885 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5885 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM5885
4-Channel Video Decoders and Mixer and Audio Codecs
Product Brief
www.davicom.com.tw
2
Version: 1.0
March 1, 2013
2. General Description
The DM5885 is a 4-channel video decoder which
converts 4 channels of 6.5 MHz analog CVBS signals
to 4 channels of digital 27 MHz CCIR656 signals. The
DM5885 integrates two internal PLLs, and decodes
720H videos using the same (27MHz) external clock
source. The DM5885 also features a patented fast
switch function. With the fast switch function, the
DM5885 can decode up to 8 analog CVBS with little
frame rate loss.
The DM5885 includes two SD mixers and one HD
mixer. Each SD/HD mixer can multiplex up to 4 video
sources. In addition to two SD CCIR656 outputs or
one HD SMPTE 274M output, the DM5885 mixer can
output four D1 videos through one TDM4 interface.
The mixers support image mirror and H partition
functions. Both interlaced and progressive digital
video outputs are supported.
The DM5885 also includes five audio ADCs and one
audio DAC.
2. Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com