Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3311-X1 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3311-X1
Description  8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3311-X1 Datasheet(HTML) 2 Page - Vicor Corporation

  PI3311-X1 Datasheet HTML 1Page - Vicor Corporation PI3311-X1 Datasheet HTML 2Page - Vicor Corporation PI3311-X1 Datasheet HTML 3Page - Vicor Corporation PI3311-X1 Datasheet HTML 4Page - Vicor Corporation PI3311-X1 Datasheet HTML 5Page - Vicor Corporation PI3311-X1 Datasheet HTML 6Page - Vicor Corporation PI3311-X1 Datasheet HTML 7Page - Vicor Corporation PI3311-X1 Datasheet HTML 8Page - Vicor Corporation PI3311-X1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
vicorpower.com
Rev 1.3
Cool-Power®
800 735.6200
09/2015
Page 2 of 26
PI33XX-X1
Contents
Order Information ...................................................... 3
Absolute Maximum Ratings........................................ 4
Block
Diagram............................................................. 4
Pin Description............................................................ 5
Package Pin-Out.......................................................... 5
PI3311-X1 (1.0 Vout) Electrical Characteristics........... 6
PI3318-X1 (1.8 Vout) Electrical Characteristics........... 9
PI3312-X1 (2.5 Vout) Electrical Characteristics......... 12
PI3301-X1 (3.3 Vout) Electrical Characteristics......... 15
Functional Description.............................................. 18
ENABLE (EN) .......................................................18
Remote Sensing..................................................18
Switching Frequency Synchronization................18
Soft-Start ............................................................18
Output Voltage Trim...........................................18
Output Current Limit Protection ........................19
Input Under-Voltage Lockout .............................19
Input Over Voltage Lockout................................19
Output Over Voltage Protection.........................19
Over Temperature Protection ............................19
Pulse Skip Mode (PSM).......................................19
Variable Frequency Operation ...........................20
Parallel Operation...............................................20
I2C Interface Operation...................................... 20
Application Description.............................................21
Output Voltage Trim .......................................... 21
Soft-Start Adjust and Tracking ........................... 22
Inductor Pairing ................................................. 22
Layout Guidelines......................................................23
Recommended PCB Footprint and Stencil ................24
Package Drawings .....................................................25
Warranty ...................................................................26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com