Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2407T Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2407T
Description  Monolithic Triple 7.5 nS CRT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2407T Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2407T Datasheet HTML 1Page - National Semiconductor (TI) LM2407T Datasheet HTML 2Page - National Semiconductor (TI) LM2407T Datasheet HTML 3Page - National Semiconductor (TI) LM2407T Datasheet HTML 4Page - National Semiconductor (TI) LM2407T Datasheet HTML 5Page - National Semiconductor (TI) LM2407T Datasheet HTML 6Page - National Semiconductor (TI) LM2407T Datasheet HTML 7Page - National Semiconductor (TI) LM2407T Datasheet HTML 8Page - National Semiconductor (TI) LM2407T Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, (V
CC)
+90V
Bias Voltage, (V
BB)
+16V
Input Voltage, (V
IN)
−0.5V to V
BIAS +0.5V
Storage Temperature Range, (T
STG)
−65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance, Human Body Model
2 kV
Machine Model
300V
Operating Range(Note 2)
V
CC
+60V to +85V
V
BB
+8V to +15V
V
IN
+0V to +5V
V
OUT
+15V to +75V
Case Temperature
−20˚C to +100˚C
Do not operate the part without a heat sink.
Electrical Characteristics
(See
Figure 2 for Test Circuit)
Unless otherwise noted: V
CC = +80V, VBB = +12V, VIN = +2.7 VDC,CL = 8 pF, Output = 40 VPP at 1 MHz, TC = 50˚C.
Symbol
Parameter
Condition
LM2407
Units
Min
Typical
Max
I
CC
Supply Current
Per Channel, No Output Load
11.5
mA
I
BB
Bias Current
All Three Channels
11
mA
V
OUT
DC Output Voltage
No AC Input Signal, V
IN = 1.2V
62
65
68
V
DC
A
V
DC Voltage Gain
No AC Input Signal
−13.3
−13.9
−14.5
∆A
V
Gain Matching
(Note 4), No AC Input Signal
1.0
dB
LE
Linearity Error
(Notes 4, 5), No AC Input Signal
8
%
t
R
Rise Time
10% to 90%
7.5
nS
t
F
Fall Time
90% to 10%
7.5
nS
OS
Overshoot
Rising Edge
8
%
Falling Edge
2
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in dc gain from VIN = 1.0V to VIN = 4.5V.
Note 6: Input from signal generator: tr,tf < 1 nS.
AC Test Circuit
Figure 2 shows a typical test circuit for evaluation of the LM2407. This circuit is designed to allow testing of the LM2407 in a 50
Ω
environment without the use of an expensive FET probe. The 4950
Ω resistor at the output forms a 100:1 voltage divider when
connected to a 50
Ω load.
DS100093-3
Note: 8 pF load includes parasitic capacitance.
FIGURE 2. Test Circuit (One Channel)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com