Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBT-RK400SR1SS0A5A0Z Datasheet(PDF) 3 Page - SICK AG

Part # PBT-RK400SR1SS0A5A0Z
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PBT-RK400SR1SS0A5A0Z Datasheet(HTML) 3 Page - SICK AG

  PBT-RK400SR1SS0A5A0Z Datasheet HTML 1Page - SICK AG PBT-RK400SR1SS0A5A0Z Datasheet HTML 2Page - SICK AG PBT-RK400SR1SS0A5A0Z Datasheet HTML 3Page - SICK AG PBT-RK400SR1SS0A5A0Z Datasheet HTML 4Page - SICK AG PBT-RK400SR1SS0A5A0Z Datasheet HTML 5Page - SICK AG PBT-RK400SR1SS0A5A0Z Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PBT-RK400SR1SS0A5A0Z | PBT
PRESSURE SENSORS
Electrical connection
Flying leads, 5 m, IP67
Supply voltage
Power consumption
Electrical safety
Insolation voltage
500 V DC
CE-conformity
Pressure equipment directive: 97/23/EC, EMC directive: 2004/108/EC, EN 61 326-2-3
Weight sensor
Approx. 80 g
Seal
Without seal
Enclosure rating
IP 67
Protection class III
✔
Reference conditions
Reference conditions: According to IEC 61298-1
1) The pressure transmitter must be supplied with power by a limited energy circuit compliant with 9.3 of UL/EN/IEC 601010-1 or LPS to UL/EN/IEC 60950-1 or Class
2 to UL 1310/UL1585 (NEC or CEC). The power supply must be suitable for operation above 2,000 m if the pressure transmitter is used above this altitude.
Ambient data
Ambient temperature
0 °C ... +80 °C
Storage temperature
–20 °C ... +80 °C
Relative humidity
45 % ... 75 %
Shock load
Vibration load
Classifications
ECl@ss 5.0
27200614
ECl@ss 5.1.4
27200614
ECl@ss 6.0
27200614
ECl@ss 6.2
27200614
ECl@ss 7.0
27200614
ECl@ss 8.0
27200614
ECl@ss 8.1
27200614
ECl@ss 9.0
27200614
ETIM 5.0
EC002476
ETIM 6.0
EC002476
UNSPSC 16.0901
41112410
Dimensional drawing (Dimensions in mm (inch))
R ¼ ISO 7
R1/4 ISO7
27
(1.06)
2016-08-17 15:00:09 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com