Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS35 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # ARS35
Description  35A AUTOMOTIVE BUTTON DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ARS35 Datasheet(HTML) 2 Page - Nanjing International Group Co

  ARS35 Datasheet HTML 1Page - Nanjing International Group Co ARS35 Datasheet HTML 2Page - Nanjing International Group Co ARS35 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
40
60
80
100
120
140
160
180
0
10
20
30
40
50
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
10
100
1000
T = 25ºC
j
f = 1MHz
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
400
300
200
0
100
500
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com