Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF152BF11 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF152BF11
Description  This specification shall cover the characteristics of SAW filter With F152B used for the page system.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF152BF11 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF152BF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF152BF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF152BF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF152BF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF152BF11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW FILTER
HDF152B
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 5
1. SCOPE
This specification shall cover the characteristics of SAW filter With F152B used for the page
system.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
2-1.Typcal frequency response
2-2.Electrical characteristics
Part number
HDF152B
Nominal center frequency (Fo)
152.5
MHz
Insertion Loss
1. fo-10.7~fo-21.4MHz
2. fo±1.5 MHz
3. fo +21.4~ fo +100MHz
45min.
4.5max.
55min.
dB
Passband width(-3dB)
6(type)
MHz
Ripple (with Fo ±1.0MHz)
2.0max
dB
Input/Output Impedance(Nominal)
150//0
Ω/pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com