Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP432IAQL Datasheet(PDF) 3 Page - Anachip Corp

Part # AP432IAQL
Description  Adjustable Precision Shunt Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432IAQL Datasheet(HTML) 3 Page - Anachip Corp

  AP432IAQL Datasheet HTML 1Page - Anachip Corp AP432IAQL Datasheet HTML 2Page - Anachip Corp AP432IAQL Datasheet HTML 3Page - Anachip Corp AP432IAQL Datasheet HTML 4Page - Anachip Corp AP432IAQL Datasheet HTML 5Page - Anachip Corp AP432IAQL Datasheet HTML 6Page - Anachip Corp AP432IAQL Datasheet HTML 7Page - Anachip Corp AP432IAQL Datasheet HTML 8Page - Anachip Corp AP432IAQL Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
3/16
Marking Information
(1) SOT23 / SOT25 / SOT89
P/N Type
X X
AP432Y
B1
AP432AY
B2
AP432IY
BA
AP432IAY
BB
AP432W
B3
AP432AW
B4
AP432IW
BC
AP432IAW
BD
AP432R
B5
AP432AR
B6
AP432IR
BE
AP432IAR
BF
AP432Q
B7
AP432AQ
B8
AP432IQ
BG
AP432IAQ
BH
XX YM X
SOT23/SOT25
XX
YMX
SOT89
Date code
Y : Year
M : Month(A~L)
XX: P/N Type
(Top View)
X: Blank : normal
L : Lead Free Package
(2) SOP
Accuracy
AC
AP432X X
YYWW X
Blank:
A
:
Logo
( Top view )
1%
1.24
±
0.5%
1.24
±
Blank: -20oC ~ +85oC
I
: -40oC ~ +85oC
YY : Year
WW: Nth week
Date code
Temp. grade
Lead Free
Blank: normal
L: Lead Free Package
(3) TO92
Accuracy
AP432X
X YWW X X
Blank:
A
:
( Top view )
Y
: Year
WW: Nth week
Date code
Internal code
Temp. grade
1%
1.24
±
0.5%
1.24
±
Blank: -20oC ~ +85oC
I
: -40oC ~ +85oC
Blank: normal
L: Lead Free Package
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com