Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB455C3 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # CDB455C3
Description  This specification is applicable to ceramic discriminator CDB455C3 use for communication equipment.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

CDB455C3 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  CDB455C3 Datasheet HTML 1Page - Shoulder Electronics Limited. CDB455C3 Datasheet HTML 2Page - Shoulder Electronics Limited. CDB455C3 Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
levels(-20,+25,+80℃) for a period of each 30 minute and repeated 3 cycles. After the test
the discriminators may be left for more than 24 hours at the room temperature. The
discriminators shall meet the 2-1~2-4 electrical characteristics outlined on this specification
and the appearance of discriminators is to be normal.
4. Appearance
4-1) Appearance and dimension may conform to Fig.1
4-2) Identification
The following shall be permanently and legibly marked.
5. Dimensions
(unit mm)
Fig 1.
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com