Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB455C4 Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # CDB455C4
Description  This specification is applicable to ceramic discriminator CDB455C4 use for SANYO IC LA8610.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

CDB455C4 Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  CDB455C4 Datasheet HTML 1Page - Shoulder Electronics Limited. CDB455C4 Datasheet HTML 2Page - Shoulder Electronics Limited. CDB455C4 Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1. Application
This specification is applicable to ceramic discriminator CDB455C4 use for SANYO IC
LA8610.
2. Electrical Characteristics
This discriminator must need following performance.
2-1) Anti-resonate frequency (Fa)
:
470±1.5 kHz.
2-2) Resonant Impedance (Ri)
:
300 ΩMax.
2-3) ΔF(Fa-Fr)
:
43±2.0 kHz.
Fr: resonant frequency
2-4) Capacitance (at 1 kHz)
:
140 pF±20%.
3. Environmental Test
3-1) Temperature Characteristics
At the temperature range of 25±5℃,the discriminators shall meet the electrical properties
in item 2-1~2-4,and at –20~+80℃ the Anti-resonant frequency shall not very more than
±2.0 kHz.
3-2) Vibration
The discriminators shall suffer no mechanical damage and meet the 2-1~2-4 electrical
Characteristics after being vibrated with a sine wave motion having an amplitude of 1.0
mm from 10 to 55KHz per 1 minute, applied for 30 minutes in three different directions
(x,y,z).
3-3) Humidity
The discriminators shall be place in a humidity chamber at 90~95% relative
humidity and 40~45℃ for a period of minimum 8 hours. The discriminators shall be left
for the period of more than 24 hours at the room temperature after its removal from the
humidity chamber.The discriminators shall meet the 2-1~2-4 electrical characteristics and
the appearance of discriminators is to be normal.
3-4) Dropped Shock
The discriminators shall suffer no mechanical damage and meet the 2-1~2-4
electrical characteristics outlined on this specification after being dropped 3 times to
concrete floor from the 30 cm height.
3-5) Solder ability
The terminal surface shall be covered over 3/4 by the solder after dipped the leads
into 230±5℃ solder pot containing (Sn 63% Pb 37%) molten alloy for 3±1 seconds.
3-6) Soldering Heat-Resistance
The discriminators shall be assembled to the 1 mm “through-hole” P.C. bored and placed in
solder solution (Sn63% Pb37%) at 250±10℃ for duration of 3±1 seconds. After removal
from the solder solution chamber, the discriminators may be cleaned with chlorothene and
left for more then 24 hours at the room temperature. The discriminators shall meet the
2-1~2-4 electrical characteristics are to be normal.
3-7) Lead Strength
The discriminators shall suffer no mechanical damage and meet the 2-1~2-4
electrical
characteristics outlined on this specification after static load of 1.0 kg for 1 minute is
applied in the direction of the insertion side.
3-8) Temperature
The discriminators shall be held at each cycle consist of three temperature
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com