Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1711 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1711
Description  High Speed, Integrated Ultrasound Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1711 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1711_14 Datasheet HTML 1Page - Supertex, Inc MD1711_14 Datasheet HTML 2Page - Supertex, Inc MD1711_14 Datasheet HTML 3Page - Supertex, Inc MD1711_14 Datasheet HTML 4Page - Supertex, Inc MD1711_14 Datasheet HTML 5Page - Supertex, Inc MD1711_14 Datasheet HTML 6Page - Supertex, Inc MD1711_14 Datasheet HTML 7Page - Supertex, Inc MD1711_14 Datasheet HTML 8Page - Supertex, Inc MD1711_14 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-MD1711
E031714
MD1711
Absolute Maximum Ratings
Parameter
Value
V
LL logic supply voltage
-0.5V to +5.5V
AV
DD1, DVDD1, positive gate drive supply
-0.5V to +15V
DV
DD2, positive gate drive supply
-0.5V to +15V
AV
SS, DVSS, negative gate drive supply
-15V to +0.5V
Operating temperature range
0°C to +125°C
Storage temperature range
-65°C to +150°C
Power dissipation
1.2W
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
Pin Configuration
Package Marking
48-Lead LQFP
48-Lead LQFP
(top view)
1
48
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
MD1711FG
LLLLLLLLL
CCCCCCCC
AAA
48-Lead QFN
(top view)
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
MD1711K6
LLLLLLLLL
YYWW
AAA CCC
48-Lead QFN
1
48
Operating Supply Voltages and Currents
(Over operating conditions unless otherwise specified, AV
DD1 = DVDD1 = DVDD2 = 10V, AVSS = DVSS = -10V, VLL = 3.3V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
LL
Logic supply
+1.8
+3.3
+5.0
V
---
AV
DD1
Positive drive bias supply
+8.0
+10.0
+12.6
V
---
DV
DD1
Positive gate drive supply
+4.75
-
+12.60
V
---
DV
DD2
Positive gate drive supply
+4.75
-
+12.60
V
---
AV
SS, DVSS
Negative gate drive and bias supply
-12.0
-10.0
-8.0
V
---
I
VLL
Logic supply current
-
2.0
-
mA
All channels on at 5.0Mhz,
no load
I
AVDD1
Positive bias current
-
5.0
-
I
AVSS & IDVSS
Negative drive and bias supply current
-
20
-
I
DVDD1
Positive drive current 1
-
55
-
I
DVDD2
Positive drive current 2
-
13
-
mA
All channels on at 5.0Mhz,
D
VDD2 = 5.0, no load
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
-G denotes a lead (Pb)-free / RoHS compliant package
Part Number
Package Options
Packing
MD1711FG-G
48-Lead LQFP
250/Tray
MD1711FG-G M931 48-Lead LQFP
3000/Reel
MD1711K6-G
48-Lead (7x7mm) QFN 250/Tray
MD1711K6-G M933 48-Lead (7x7mm) QFN 2000/Reel
Package
θ
ja
48-Lead LQFP
52°C/W
48-Lead QFN
18°C/W
Typical Thermal Resistance
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com