Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF204MS21 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF204MS21
Description  This specification shall cover the characteristics of SAW filter With 204M used for IF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF204MS21 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF204MS21 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 9Page - Shoulder Electronics Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SAW FILTER
HDF204M
SMD-21
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 10
1. SCOPE
This specification shall cover the characteristics of SAW filter With 204M used for IF
applications.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
2.1Electrical characteristics
Parameter
Minimum
Typical
Maximum
Unit
Center Frequency,Fo
204
MHz
Insertion loss at 204 MHz
Including losses in matching test
circuit show below
10.5
12.0
dB
1 dB Lower Frequency
1 dB Upper frequency
204.3
203.56
204.43
203.8
MHz
Amplitude Variation
203.7~204.3 MHz
0.6
1.2
dB
Group delay variation
203.7~204.3 MHz
26
170
nsec.
Rejection
(4)
194~200 MHz
200~201.5 MHz
201.5~202 MHz
206.0~206.5 MHz
206.5~209 MHz
209~214 MHz
36
36
35
35
38
38
38
38
38
35
43.5
46.4
dB
Optimal source Impedance
(5)
8ohm//99nH
ohm
Optimal Load Impedance
(5)
8ohm//99nH
ohm
Temperature coefficient of frequency
+1.7
ppm/K
Notes:
1.All specifications are based on the test circuit shown below
2. This specification is valid for room temperature only
3.Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
4.Relative to insertion loss at 204 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com