Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN100LA-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # LN100LA-G
Description  1200V Cascoded N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LN100LA-G Datasheet(HTML) 2 Page - Supertex, Inc

  LN100LA-G Datasheet HTML 1Page - Supertex, Inc LN100LA-G Datasheet HTML 2Page - Supertex, Inc LN100LA-G Datasheet HTML 3Page - Supertex, Inc LN100LA-G Datasheet HTML 4Page - Supertex, Inc LN100LA-G Datasheet HTML 5Page - Supertex, Inc LN100LA-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LN100
Supertex inc.
www.supertex.com
Doc.# DSFP-LN100
A031414
Symbol
Parameter
Min
Typ
Max Unit Conditions
MOSFET M1 and M2
BV
DSS1
Drain-to-Source breakdown voltage of M1
600
-
-
V
V
GS = 0V, ID = 1.0μA
BV
DSS2
Drain-to-Source breakdown voltage of M2
600
-
-
V
V
GS = 0V, ID = 1.0μA
V
GS(th)
Gate-to-Source threshold voltage
0.5
-
1.6
V
V
GS = VDS, ID = 10μA
See test circuit
R
DS(ON)
Static Drain-to-Source On-State resistance
-
-
3.0
kΩ
V
GS = 2.8V, ID = 2.0mA
See test circuit
I
D(ON)
On-State Drain current
3.0
-
-
mA VGS = 2.8V, VDS = 25V
See test circuit
C
ISS
Input capacitance
-
-
50
pF
V
GS = 0V, VDS = 25V
Zener Diode
V
Z
M2 Gate-to-Source Zener diode clamp
6.5
-
12
V
I
GS = 1.0mA, VS = 0V
I
GS
Gate-to-Source Zener diode leakage
-
-
100
nA
V
GS = 4.5V
I
Z
Maximum Zener current
-
10
-
mA ---
Resistors R
1, R2, and R3
R
1 + R2
Resistor divider R
1 + R2
54
-
-
MΩ V
1 = 0 to 1000V, V2 = 0V
R
1
Resistor R
1
27
-
-
MΩ V
R1 = 0 to 500V
R
2
Resistor R
2
27
-
-
MΩ V
R2 = 0 to 500V
R
3
Resistor R
3
54
-
-
kΩ
V
R3 = 0 to 5.0V
ΔR
R
1, R2, and R3 matching
-
-
±18
%
---
Electrical Characteristics
(T
j = 25ºC unless otherwise specified)
Block Diagram
R
2
M1
M2
V1
V2
V3
GATE
SOURCE
DRAIN
D
R
1
R
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com