Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2412 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2412
Description  Monolithic Triple 2.8 ns CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2412 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2412 Datasheet HTML 1Page - National Semiconductor (TI) LM2412 Datasheet HTML 2Page - National Semiconductor (TI) LM2412 Datasheet HTML 3Page - National Semiconductor (TI) LM2412 Datasheet HTML 4Page - National Semiconductor (TI) LM2412 Datasheet HTML 5Page - National Semiconductor (TI) LM2412 Datasheet HTML 6Page - National Semiconductor (TI) LM2412 Datasheet HTML 7Page - National Semiconductor (TI) LM2412 Datasheet HTML 8Page - National Semiconductor (TI) LM2412 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
+90V
Bias Voltage, V
BB
+16V
Input Voltage, V
IN
0V to 6V
Storage Temperature Range, T
STG
−65˚C to +150˚C
Lead Temperature (Soldering, <10 sec.)
300˚C
ESD Tolerance
Human Body Model
2 kV
Machine Model
250V
Operating Ranges (Note 3)
V
CC
+60V to +85V
V
BB
+8V to +15V
V
IN
+1V to +5V
V
OUT (VCC = 80V, VBB = 12V)
+15V to +75V
Case Temperature
−20˚C to +100˚C
Do not operate the part without a heat sink.
Electrical Characteristics
(See
Figure 2 for Test Circuit)
Unless otherwise noted: V
CC = +80V, VBB = +12V, VIN = +3.3 VDC,CL = 8 pF, TC = 60˚C, no AC input.
Symbol
Parameter
Conditions
LM2412
Units
Min
Typ
Max
I
CC
Supply Current
Per Channel, No Output Load
16
21
26
mA
I
BB
Bias Current
All Three Channels
27
42
57
mA
V
OUT
DC Output Voltage
V
IN = 1.9V
62
65
68
V
DC
A
V
DC Voltage Gain
−12
−14
−16
∆A
V
Gain Matching
(Note 4)
1.0
dB
LE
Linearity Error
(Notes 4, 5)
3.5
%
t
r
Rise Time (Notes 6, 7)
10% to 90%,40V
PP Output (1 MHz)
2.8
3.5
ns
t
f
Fall Time (Notes 6, 7)
10% to 90%,40V
PP Output (1 MHz)
2.8
3.5
ns
OS
Overshoot
40 V
PP Output (1 MHz)
5
%
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: All voltages are measured with respect to GND, unless otherwise specified.
Note 3: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 4: Calculated value from voltage gain test on each channel.
Note 5: Linearity error is the variation in DC gain from VIN = 1.6V to VIN = 5.0V.
Note 6: Input from signal generator: tr,tf < 1 ns.
Note 7: 100% tested in production. These limits are not used to calculate outgoing quality levels.
AC Test Circuit
Figure 2 shows a typical test circuit for evaluation of the
LM2412. This circuit is designed to allow testing of the
LM2412 in a 50
Ω environment without the use of an expen-
sive FET probe. The combined resitors of 4950
Ω at the out-
put form a 200:1 voltage divider when connected to a 50
Ω
load. The test board supplied by NSC also offers the option
to test theLM2412 with a FET probe. C
L is the total capaci-
tance at the LM2412 output, including the board capaci-
tance.
DS101298-3
FIGURE 2. Test Circuit (One Channel)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com