Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF280TS3 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF280TS3
Description  This specification shall cover the characteristics of SAW filter F280TS3 used for the WLAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF280TS3 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF280TS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF280TS3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF280T
SMD-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
2-2.Electrical characteristics
Part Number
F280TS3
Unit
Nominal center frequency(Fo)
280
MHz
Insertion (Fo)
14.0max.
dB
3dBBand width
18min.
MHz
Spurious response
Fo-60~-40MHz
Fo-40~-22MHz
Fo-22~-16MHz
Fo+16~+22MHz
Fo+22~+40MHz
Fo+40~+60MHz
40 min.
37 min.
30 min.
25 min.
34 min.
40 min
dB
Ripple(within passband)
2.0 min
dB
Input/Output impedance(Nominal)
50//39
Ω//nH
3. TEST CIRCUIT
C1=C2=0pF, L1=L2=39nH
4. DIMENSION
1. Ground
2. Input/output
3. Ground
4. Ground
5. Ground
6. Input/output
7. Ground
8. Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com